| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S2245 bảng dữ liệu(PDF) 119 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 bảng dữ liệu(HTML) 119 Page - Renesas Technology Corp |
|
119 / 818 page ![]() Section 3 MCU Operating Modes Rev.3.00 Mar. 26, 2007 Page 77 of 772 REJ09B0355-0300 3.3.7 Mode 7 The CPU can access a 16-Mbyte address space in advanced mode. The on-chip ROM is enabled, but external addresses cannot be accessed. All I/O ports are available for use as input-output ports. Note: Mode 7 cannot be used in the H8S/2240. 3.4 Pin Functions in Each Operating Mode The pin functions of ports 1, and A to F vary depending on the operating mode. Table 3.3 shows their functions in each operating mode. Table 3.3 Pin Functions in Each Mode Port Mode 1 Mode 2* 2 Mode 3* 2 Mode 4 Mode 5 Mode 6* 2 Mode 7* 2 Port 1 P1 3 to P10 P* 1/T P* 1/T P* 1/T P* 1/T/A P* 1/T/A P* 1/T/A P* 1/T Port A PA 3 to PA0 P PPA AP* 1/A P Port B A P* 1/A PA AP* 1/A P Port C A P* 1/A PA AP* 1/A P Port D D DP D DDP Port E P* 1/D P* 1/D P P/D* 1 P* 1/D P* 1/D P Port F PF 7 P/C* 1 P/C* 1 P* 1/C P/C* 1 P/C* 1 P/C* 1 P* 1/C PF 6 to PF3 C C P C CCP PF 2 to PF0 P* 1/C P* 1/C P* 1/C P* 1/C P* 1/C Legend: P: I/O port T: Timer I/O A: Address bus output D: Data bus I/O C: Control signals, clock I/O Notes: 1. After reset 2. Cannot be used in the H8S/2240. |