| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S2245 bảng dữ liệu(PDF) 684 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 bảng dữ liệu(HTML) 684 Page - Renesas Technology Corp |
|
684 / 818 page ![]() Appendix B Register Field Rev.3.00 Mar. 26, 2007 Page 642 of 772 REJ09B0355-0300 Address (Low) Register Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Module Name Bus Width (Bit) H'FF96 ADDRDH AD9 AD8 AD7 AD6 AD5 AD4 AD3 AD2 8 H'FF97 ADDRDL AD1 AD0 —————— A/D converter H'FF98 ADCSR ADF ADIE ADST SCAN CKS — CH1 CH0 H'FF99 ADCR TRGS1 TRGS0 —————— H'FFB0 TCR0 CMIEB CMIEA OVIE CCLR1 CCLR0 CKS2 CKS1 CKS0 8-bit timer channel 0 16 H'FFB1 TCR1 CMIEB CMIEA OVIE CCLR1 CCLR0 CKS2 CKS1 CKS0 8-bit timer channel 1 H'FFB2 TCSR0 CMFB CMFA OVF ADTE OS3 OS2 OS1 OS0 8-bit timer channel 0 H'FFB3 TCSR1 CMFB CMFA OVF — OS3 OS2 OS1 OS0 8-bit timer channel 1 H'FFB4 TCORA0 8-bit timer channel 0 H'FFB5 TCORA1 8-bit timer channel 1 H'FFB6 TCORB0 8-bit timer channel 0 H'FFB7 TCORB1 8-bit timer channel 1 H'FFB8 TCNT0 8-bit timer channel 0 H'FFB9 TCNT1 8-bit timer channel 1 H'FFBC (write) H'FFBC (read) TCSR OVF WT/ IT TME — — CKS2 CKS1 CKS0 WDT 16 H'FFBC (write) H'FFBD (read) TCNT WDT H'FFBE (write) H'FFBF (read) RSTCSR WOVF RSTE RSTS —————WDT |