| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S2245 bảng dữ liệu(PDF) 679 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 bảng dữ liệu(HTML) 679 Page - Renesas Technology Corp |
|
679 / 818 page ![]() Appendix A Instruction Set Rev.3.00 Mar. 26, 2007 Page 637 of 772 REJ09B0355-0300 Instruction Fetch Branch Address Read Stack Operation Byte Data Access Word Data Access Internal Operation Instruction Mnemonic I J K L M N STC STC.B CCR,Rd STC.B EXR,Rd STC.W CCR,@ERd STC.W EXR,@ERd STC.W CCR,@(d:16,ERd) STC.W EXR,@(d:16,ERd) STC.W CCR,@(d:32,ERd) STC.W EXR,@(d:32,ERd) STC.W CCR,@–ERd STC.W EXR,@–ERd STC.W CCR,@aa:16 STC.W EXR,@aa:16 STC.W CCR,@aa:32 STC.W EXR,@aa:32 1 1 2 2 3 3 5 5 2 2 3 3 4 4 1 1 1 1 1 1 1 1 1 1 1 1 1 1 STM* 3 STM.L (ERn–ERn+1),@–SP STM.L (ERn–ERn+2),@–SP STM.L (ERn–ERn+3),@–SP 2 2 2 4 6 8 1 1 1 SUB SUB.B Rs,Rd SUB.W #xx:16,Rd SUB.W Rs,Rd SUB.L #xx:32,ERd SUB.L ERs,ERd 1 2 1 3 1 SUBS SUBS #1/2/4,ERd 1 SUBX SUBX #xx:8,Rd SUBX Rs,Rd 1 1 TAS* 4 TAS @ERd 2 2 TRAPA TRAPA #xx:2 Normal 2 1 2/3* 1 2 Advanced 2 2 2/3* 1 2 XOR XOR.B #xx:8,Rd XOR.B Rs,Rd XOR.W #xx:16,Rd XOR.W Rs,Rd XOR.L #xx:32,ERd XOR.L ERs,ERd 1 1 2 1 3 2 XORC XORC #xx:8,CCR XORC #xx:8,EXR 1 2 Notes: 1. 2 when EXR is invalid, 3 when EXR is valid. 2. When n bytes of data are transferred. 3. Only register ER0 to ER6 should be used when using the STM/LDM instruction. 4. Only register ER0, ER1, ER4, or ER5 should be used when using the TAS instruction. |