| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S2245 bảng dữ liệu(PDF) 611 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 bảng dữ liệu(HTML) 611 Page - Renesas Technology Corp |
|
611 / 818 page ![]() Section 19 Electrical Characteristics Rev.3.00 Mar. 26, 2007 Page 569 of 772 REJ09B0355-0300 Section 19 Electrical Characteristics 19.1 Absolute Maximum Ratings Table 19.1 lists the absolute maximum ratings. Table 19.1 Absolute Maximum Ratings Item Symbol Value Unit Power supply voltage V CC –0.3 to +7.0 V Programming voltage V PP –0.3 to +13.5 V Input voltage (except port 4) V in –0.3 to V CC +0.3 V Input voltage (port 4) V in –0.3 to AV CC +0.3 V Reference voltage V ref –0.3 to AV CC +0.3 V Analog power supply voltage AV CC –0.3 to +7.0 V Analog input voltage V AN –0.3 to AV CC +0.3 V Operating temperature T opr Regular specifications: –20 to +75 °C Wide-range specifications: –40 to +85 °C Storage temperature T stg –55 to +125 °C Caution: Permanent damage to the chip may result if absolute maximum ratings are exceeded. |