| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S2245 bảng dữ liệu(PDF) 477 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 bảng dữ liệu(HTML) 477 Page - Renesas Technology Corp |
|
477 / 818 page ![]() Section 12 Serial Communication Interface (SCI) Rev.3.00 Mar. 26, 2007 Page 435 of 772 REJ09B0355-0300 Data Transfer Format Table 12.10 shows the data transfer formats that can be used in asynchronous mode. Any of 12 transfer formats can be selected according to the SMR setting. Table 12.10 Serial Transfer Formats (Asynchronous Mode) PE 0 0 1 1 0 0 1 1 — — — — S 8-bit data STOP S 7-bit data STOP S 8-bit data STOP STOP S 8-bit data P STOP S 7-bit data STOP P S 8-bit data MPB STOP S 8-bit data MPB STOP STOP S 7-bit data STOP MPB S 7-bit data STOP MPB STOP S 7-bit data STOP STOP CHR 0 0 0 0 1 1 1 1 0 0 1 1 MP 0 0 0 0 0 0 0 0 1 1 1 1 STOP 0 1 0 1 0 1 0 1 0 1 0 1 SMR Settings 123456789 10 11 12 Serial Transfer Format and Frame Length STOP S 8-bit data P STOP S 7-bit data STOP P STOP Legend: S: Start bit STOP: Stop bit P: Parity bit MPB: Multiprocessor bit |