| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S2245 bảng dữ liệu(PDF) 379 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 bảng dữ liệu(HTML) 379 Page - Renesas Technology Corp |
|
379 / 818 page ![]() Section 9 16-Bit Timer Pulse Unit (TPU) Rev.3.00 Mar. 26, 2007 Page 337 of 772 REJ09B0355-0300 Examples of Phase Counting Mode Operation In phase counting mode, TCNT counts up or down according to the phase difference between two external clocks. There are four modes, according to the count conditions. Phase counting mode 1: Figure 9.26 shows an example of phase counting mode 1 operation, and table 9.8 summarizes the TCNT up/down-count conditions. TCNT value Time Down-count Up-count TCLKA (channel 1) TCLKC (channel 2) TCLKB (channel 1) TCLKD (channel 2) Figure 9.26 Example of Phase Counting Mode 1 Operation Table 9.8 Up/Down-Count Conditions in Phase Counting Mode 1 TCLKA (Channel 1) TCLKC (Channel 2) TCLKB (Channel 1) TCLKD (Channel 2) Operation High level Low level Low level High level Up-count High level Low level High level Low level Down-count Legend: : Rising edge : Falling edge |