công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 750 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 750 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 746Page - Renesas Technology Corp H8S/2112 Datasheet HTML 747Page - Renesas Technology Corp H8S/2112 Datasheet HTML 748Page - Renesas Technology Corp H8S/2112 Datasheet HTML 749Page - Renesas Technology Corp H8S/2112 Datasheet HTML 750Page - Renesas Technology Corp H8S/2112 Datasheet HTML 751Page - Renesas Technology Corp H8S/2112 Datasheet HTML 752Page - Renesas Technology Corp H8S/2112 Datasheet HTML 753Page - Renesas Technology Corp H8S/2112 Datasheet HTML 754Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 750 / 894 page
background image
Section 23 Clock Pulse Generator
Rev. 1.00 Mar. 18, 2008 Page 726 of 866
REJ09B0451-0100
23.1
Oscillator
Clock pulses can be supplied either by connecting a crystal resonator or by providing external
clock input.
23.1.1
Connecting Crystal Resonator
Figure 23.2 shows a typical method for connecting a crystal resonator. An appropriate damping
resistance R
d, given in table 23.1 should be used. An AT-cut parallel-resonance crystal resonator
should be used.
Figure 23.3 shows an equivalent circuit of a crystal resonator. A crystal resonator having the
characteristics given in table 23.2 should be used.
The frequency of the crystal resonator should be the same as that of the system clock (
φ).
EXTAL
XTAL
Rd
CL2
CL1
CL1 = CL2 = 10 to 22 pF
Figure 23.2 Typical Connection to Crystal Resonator
Table 23.1
Damping Resistor Values
Frequency (MHz)
8
10
12
16
20
25
R
d (Ω)
200
0
0
0
0
0
XTAL
CL
AT-cut parallel-resonance crystal resonator
EXTAL
C0
LRs
Figure 23.3 Equivalent Circuit of Crystal Resonator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com