công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 754 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 754 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 750Page - Renesas Technology Corp H8S/2112 Datasheet HTML 751Page - Renesas Technology Corp H8S/2112 Datasheet HTML 752Page - Renesas Technology Corp H8S/2112 Datasheet HTML 753Page - Renesas Technology Corp H8S/2112 Datasheet HTML 754Page - Renesas Technology Corp H8S/2112 Datasheet HTML 755Page - Renesas Technology Corp H8S/2112 Datasheet HTML 756Page - Renesas Technology Corp H8S/2112 Datasheet HTML 757Page - Renesas Technology Corp H8S/2112 Datasheet HTML 758Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 754 / 894 page
background image
Section 23 Clock Pulse Generator
Rev. 1.00 Mar. 18, 2008 Page 730 of 866
REJ09B0451-0100
23.3
Subclock Input Circuit
The subclock input circuit controls subclock input from the EXCL or ExEXCL pin. To use the
subclock, a 32.768-kHz external clock should be input from the EXCL or ExEXCL pin.
Figure 23.7 shows the relationship of subclock input from the EXCL pin and the ExEXCL pin.
When using a pin to input the subclock, specify input for the pin by clearing the DDR bit of the
pin to 0. The EXCL pin is specified as an input pin by clearing the EXCLS bit in PTCNT0 to 0.
The ExEXCL pin is specified as an input pin by setting the EXCLS bit in PTCNT0 to 1. The
subclock input is enabled by setting the EXCLE bit in LPWRCR to 1.
P96/EXCL
EXCLS
(PTCNT0)
EXCLE
(LPWRCR)
PE0/ExEXCL
Subclock
Figure 23.7 Subclock Input from EXCL Pin and ExEXCL Pin
Subclock input conditions are shown in table 23.5. When the subclock is not used, subclock input
should not be enabled.
Table 23.5
Subclock Input Conditions
VCC = 3.0 to 3.6 V
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Subclock input pulse width
low level
t
EXCLL
15.26
µs
Subclock input pulse width
high level
t
EXCLH
15.26
µs
Subclock input rising time
t
EXCLr
10
ns
Subclock input falling time
t
EXCLf
10
ns
Figure 23.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com