công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 752 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 752 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 748Page - Renesas Technology Corp H8S/2112 Datasheet HTML 749Page - Renesas Technology Corp H8S/2112 Datasheet HTML 750Page - Renesas Technology Corp H8S/2112 Datasheet HTML 751Page - Renesas Technology Corp H8S/2112 Datasheet HTML 752Page - Renesas Technology Corp H8S/2112 Datasheet HTML 753Page - Renesas Technology Corp H8S/2112 Datasheet HTML 754Page - Renesas Technology Corp H8S/2112 Datasheet HTML 755Page - Renesas Technology Corp H8S/2112 Datasheet HTML 756Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 752 / 894 page
background image
Section 23 Clock Pulse Generator
Rev. 1.00 Mar. 18, 2008 Page 728 of 866
REJ09B0451-0100
Table 23.3
External Clock Input Conditions
VCC = 3.0 to 3.6 V
Item
Symbol
Min.
Max.
Unit
Test Conditions
External clock input pulse
width low level
t
EXL
12
ns
External clock input pulse
width high level
t
EXH
12
ns
External clock rising time
t
EXr
5
ns
External clock falling time
t
EXf
5
ns
Figure 23.5
Clock pulse width low level
t
CL
0.4
0.6
t
cyc
Clock pulse width high level t
CH
0.4
0.6
t
cyc
Figure 26.4
tEXH
tEXL
tEXr
tEXf
VCC × 0.5
EXTAL
Figure 23.5 External Clock Input Timing
The oscillator and duty correction circuit can adjust the waveform of the external clock input that
is input from the EXTAL pin.
When a specified clock signal is input to the EXTAL pin, internal clock signal output is
determined after the external clock output stabilization delay time (t
DEXT) has passed. As the clock
signal output is not determined during the t
DEXT cycle, a reset signal should be set to low to
maintain the reset state. Table 23.4 shows the external clock output stabilization delay time. Figure
23.6 shows the timing of the external clock output stabilization delay time.
Table 23.4
External Clock Output Stabilization Delay Time
Condition: VCC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, VSS = AVSS = 0 V
Item
Symbol
Min.
Max.
Unit
Remarks
External clock output stabilization delay
time
t
DEXT*
500
µs
Figure 23.6
Note:
*
t
DEXT includes a RES pulse width (tRESW).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com