công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 749 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 749 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 745Page - Renesas Technology Corp H8S/2112 Datasheet HTML 746Page - Renesas Technology Corp H8S/2112 Datasheet HTML 747Page - Renesas Technology Corp H8S/2112 Datasheet HTML 748Page - Renesas Technology Corp H8S/2112 Datasheet HTML 749Page - Renesas Technology Corp H8S/2112 Datasheet HTML 750Page - Renesas Technology Corp H8S/2112 Datasheet HTML 751Page - Renesas Technology Corp H8S/2112 Datasheet HTML 752Page - Renesas Technology Corp H8S/2112 Datasheet HTML 753Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 749 / 894 page
background image
Section 23 Clock Pulse Generator
Rev. 1.00 Mar. 18, 2008 Page 725 of 866
REJ09B0451-0100
Section 23 Clock Pulse Generator
This LSI incorporates a clock pulse generator which generates the system clock (
φ), internal clock,
bus master clock, and subclock (
φSUB). The clock pulse generator consists of an oscillator, duty
correction circuit, system clock select circuit, subclock input circuit, and subclock waveform
forming circuit. Figure 23.1 shows a block diagram of the clock pulse generator.
EXTAL
XTAL
EXCL
(ExEXCL)
WDT_1
count clock
φ
φSUB
Subclock
input circuit
Subclock
waveform
forming circuit
Oscillator
System clock
to
φ pin
Internal clock
to on-chip
peripheral modules
System
clock
select
circuit
Bus master
clock to CPU
φ
Duty
correction
circuit
Figure 23.1 Block Diagram of Clock Pulse Generator
The subclock input is controlled by software according to the EXCLE bit and the EXCLS bit in
the port control register (PTCNT0) settings in the low power control register (LPWRCR). For
details on LPWRCR, see section 24.1.2, Low-Power Control Register (LPWRCR). For details on
PTCNT0, see section 8.3.1, Port Control Register 0 (PTCNT0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com