công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 746 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 746 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 742Page - Renesas Technology Corp H8S/2112 Datasheet HTML 743Page - Renesas Technology Corp H8S/2112 Datasheet HTML 744Page - Renesas Technology Corp H8S/2112 Datasheet HTML 745Page - Renesas Technology Corp H8S/2112 Datasheet HTML 746Page - Renesas Technology Corp H8S/2112 Datasheet HTML 747Page - Renesas Technology Corp H8S/2112 Datasheet HTML 748Page - Renesas Technology Corp H8S/2112 Datasheet HTML 749Page - Renesas Technology Corp H8S/2112 Datasheet HTML 750Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 746 / 894 page
background image
Section 22 Flash Memory
Rev. 1.00 Mar. 18, 2008 Page 722 of 866
REJ09B0451-0100
22.13
Usage Notes
1. The initial state of the product at its shipment is in the erased state. For the product whose
revision of erasing is undefined, we recommend to execute automatic erasure for checking the
initial state (erased state) and compensating.
2. For the PROM programmer suitable for programmer mode in this LSI and its program version,
refer to the instruction manual of the socket adapter.
3. If the socket, socket adapter, or product index does not match the specifications, too much
current flows and the product may be damaged.
4. Use a PROM programmer that supports the device with 128-kbyte on-chip flash memory and
3.0-V programming voltage. Use only the specified socket adapter.
5. Do not power off the Vcc power supply (including the removal of the chip from the PROM
programmer) during programming/erasing in which a high voltage is applied to the flash
memory. Doing so may damage the flash memory permanently. If a reset is input, the reset
must be released after the reset input period of at least 100
µs.
6. The flash memory is not accessible until FKEY is cleared after programming/erasing starts. If
the operating mode is changed and this LSI is restarted by a reset immediately after
programming/erasing has finished, secure the reset input period (period of
RES = 0) of at least
100
µs. Transition to the reset state during programming/erasing is inhibited. If a reset is input
accidentally, the reset must be released after the reset input period of at least 100
µs.
7. In on-board programming mode or programmer mode, programming of the 128-byte
programming-unit block must be performed only once. Perform programming in the state
where the programming-unit block is fully erased.
8. When the chip is to be reprogrammed with the programmer after execution of programming or
erasure in on-board programming mode, it is recommended that automatic programming is
performed after execution of automatic erasure.
9. To program the flash memory, the program data and program must be allocated to addresses
which are higher than those of the external interrupt vector table and H'FF must be written to
all the system reserved areas in the exception handling vector table.
10. If data other than H'FF (4 bytes) is written to the key code area (H'00003C to H'00003F) of the
flash memory, reading cannot be performed in programmer mode. (In this case, data is read as
H'00. Rewrite is possible after erasing the data.) For reading in programmer mode, make sure
to write H'FF to the entire key code area.
11. If data other than H'FF is to be written to the key code area in programmer mode, a verification
error will occur unless a software countermeasure is taken for the PROM programmer and
version of program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com