công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 742 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 742 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 738Page - Renesas Technology Corp H8S/2112 Datasheet HTML 739Page - Renesas Technology Corp H8S/2112 Datasheet HTML 740Page - Renesas Technology Corp H8S/2112 Datasheet HTML 741Page - Renesas Technology Corp H8S/2112 Datasheet HTML 742Page - Renesas Technology Corp H8S/2112 Datasheet HTML 743Page - Renesas Technology Corp H8S/2112 Datasheet HTML 744Page - Renesas Technology Corp H8S/2112 Datasheet HTML 745Page - Renesas Technology Corp H8S/2112 Datasheet HTML 746Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 742 / 894 page
background image
Section 22 Flash Memory
Rev. 1.00 Mar. 18, 2008 Page 718 of 866
REJ09B0451-0100
(f)
Memory Read
The boot program will return the data in the specified address.
Command
H'52
Size
Area
Read address
Read size
SUM
• Command: H'52 (one byte): Memory read
• Size (one byte): Amount of data that represents the area, read address, and read size (fixed at
9)
• Area (one byte)
H'01: User MAT
An address error occurs when the area setting is incorrect.
• Read address (four bytes): Start address to be read from
• Read size (four bytes): Size of data to be read
• SUM (one byte): Checksum
Response
H'52
Read size
Data
…
SUM
• Response: H'52 (one byte): Response to memory read
• Read size (four bytes): Size of data to be read
• Data (n bytes): Data for the read size from the read address
• SUM (one byte): Checksum
Error Response
H'D2
ERROR
• Error response: H'D2 (one byte): Error response to memory read
• ERROR: (one byte): Error code
H'11: Check sum error
H'2A: Address error
The read address is not in the MAT.
H'2B: Size error
The read size exceeds the MAT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com