công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 739 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 739 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 735Page - Renesas Technology Corp H8S/2112 Datasheet HTML 736Page - Renesas Technology Corp H8S/2112 Datasheet HTML 737Page - Renesas Technology Corp H8S/2112 Datasheet HTML 738Page - Renesas Technology Corp H8S/2112 Datasheet HTML 739Page - Renesas Technology Corp H8S/2112 Datasheet HTML 740Page - Renesas Technology Corp H8S/2112 Datasheet HTML 741Page - Renesas Technology Corp H8S/2112 Datasheet HTML 742Page - Renesas Technology Corp H8S/2112 Datasheet HTML 743Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 739 / 894 page
background image
Section 22 Flash Memory
Rev. 1.00 Mar. 18, 2008 Page 715 of 866
REJ09B0451-0100
(c)
128-Byte Programming
The boot program will use the programming program transferred by the programming selection to
program the user MATs in response to 128-byte programming.
Command
H'50
Address
Data
…
…
SUM
• Command, H'50, (one byte): 128-byte programming
• Programming Address (four bytes): Start address for programming
Multiple of the size specified in response to the programming unit inquiry
(i.e. H'00, H'01, H'00, H'00 : H'01000000)
• Program data (128 bytes): Data to be programmed
The size is specified in the response to the programming unit inquiry.
• SUM (one byte): Checksum
Response
H'06
• Response, H'06, (one byte): Response to 128-byte programming
On completion of programming, the boot program will return ACK.
Error Response
H'D0
ERROR
• Error response, H'D0, (one byte): Error response for 128-byte programming
• ERROR: (one byte): Error code
H'11: Checksum Error
H'53: Programming error
A programming error has occurred and programming cannot be continued.
The specified address should match the unit for programming of data. For example, when the
programming is in 128-byte units, the lower eight bits of the address should be H'00 or H'80.
When there are less than 128 bytes of data to be programmed, the host should fill the rest with
H'FF.
Sending the 128-byte programming command with the address of H'FFFFFFFF will stop the
programming operation. The boot program will interpret this as the end of the programming and
wait for selection of programming or erasing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com