công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 758 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 758 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 754Page - Renesas Technology Corp H8S/2112 Datasheet HTML 755Page - Renesas Technology Corp H8S/2112 Datasheet HTML 756Page - Renesas Technology Corp H8S/2112 Datasheet HTML 757Page - Renesas Technology Corp H8S/2112 Datasheet HTML 758Page - Renesas Technology Corp H8S/2112 Datasheet HTML 759Page - Renesas Technology Corp H8S/2112 Datasheet HTML 760Page - Renesas Technology Corp H8S/2112 Datasheet HTML 761Page - Renesas Technology Corp H8S/2112 Datasheet HTML 762Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 758 / 894 page
background image
Section 24 Power-Down Modes
Rev. 1.00 Mar. 18, 2008 Page 734 of 866
REJ09B0451-0100
24.1
Register Descriptions
Power-down modes are controlled by the following registers. To access SBYCR, LPWRCR,
SYSCR2, MSTPCRH, and MSTPCRL the FLSHE bit in the serial timer control register (STCR)
must be cleared to 0. For details on STCR, see section 3.2.3, Serial Timer Control Register
(STCR). For details on the PSS bit in TSCR_1 (WDT_1), see TCSR_1 in section 12.3.5, Timer
Control/Status Register (TCSR).
Table 24.1
Register Configuration
Register Name
Abbreviation
R/W
Initial Value
Address
Data Bus
Width
Standby control register
SBYCR
R/W
H'00
H'FF84
8
Low power control register
LPWRCR
R/W
H'00
H'FF85
8
Module stop control register H MSTPCRH
R/W
H'3F
H'FF86
8
Module stop control register L MSTPCRL
R/W
H'FF
H'FF87
8
Module stop control register A MSTPCRA
R/W
H'FC
H'FE7E
8
Module stop control register B MSTPCRB
R/W
H'FF
H'FE7F
8
24.1.1
Standby Control Register (SBYCR)
SBYCR controls power-down modes.
Bit
Bit Name
Initial
Value
R/W
Description
7
SSBY
0
R/W
Software Standby
Specifies the operating mode to be entered after
executing the SLEEP instruction.
When the SLEEP instruction is executed in high-
speed mode or medium-speed mode:
0: Shifts to sleep mode
1: Shifts to software standby mode or watch mode
Note that the SSBY bit is not changed even if a mode
transition is made by an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com