công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 560 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 560 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 556Page - Renesas Technology Corp H8S/2112 Datasheet HTML 557Page - Renesas Technology Corp H8S/2112 Datasheet HTML 558Page - Renesas Technology Corp H8S/2112 Datasheet HTML 559Page - Renesas Technology Corp H8S/2112 Datasheet HTML 560Page - Renesas Technology Corp H8S/2112 Datasheet HTML 561Page - Renesas Technology Corp H8S/2112 Datasheet HTML 562Page - Renesas Technology Corp H8S/2112 Datasheet HTML 563Page - Renesas Technology Corp H8S/2112 Datasheet HTML 564Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 560 / 894 page
background image
Section 18 Keyboard Buffer Control Unit (PS2)
Rev. 1.00 Mar. 18, 2008 Page 536 of 866
REJ09B0451-0100
18.3.4
Keyboard Control Register L (KBCRL)
KBCRL enables the receive counter count and controls the keyboard buffer control unit pin
output.
Bit
Bit Name
Initial
Value
R/W
Description
7
KBE
0
R/W
Keyboard Enable
Enables or disables loading of receive data into KBBR.
0: Loading of receive data into KBBR is disabled
1: Loading of receive data into KBBR is enabled
6
KCLKO
1
R/W
Keyboard Clock Out
Controls PS2 clock I/O pin output.
0: PS2 clock I/O pin is low
1: PS2 clock I/O pin is high
5
KDO
1
R/W
Keyboard Data Out
Controls PS2 data I/O pin output.
0: PS2 data I/O pin is low
1: PS2 data I/O pin is high
When the start bit (KDO) is automatically cleared
(KDO = 1) by means of automatic transmission, 0 is
written after reading 1.
4
—
1
—
Reserved
This bit is always read as 1 and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com