công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 559 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 559 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 555Page - Renesas Technology Corp H8S/2112 Datasheet HTML 556Page - Renesas Technology Corp H8S/2112 Datasheet HTML 557Page - Renesas Technology Corp H8S/2112 Datasheet HTML 558Page - Renesas Technology Corp H8S/2112 Datasheet HTML 559Page - Renesas Technology Corp H8S/2112 Datasheet HTML 560Page - Renesas Technology Corp H8S/2112 Datasheet HTML 561Page - Renesas Technology Corp H8S/2112 Datasheet HTML 562Page - Renesas Technology Corp H8S/2112 Datasheet HTML 563Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 559 / 894 page
background image
Section 18 Keyboard Buffer Control Unit (PS2)
Rev. 1.00 Mar. 18, 2008 Page 535 of 866
REJ09B0451-0100
Bit
Bit Name
Initial
Value
R/W
Description
2
KBF
0
R/(W)*
Keyboard Buffer Register Full
Indicates that data reception has been completed and
the received data is in KBBR. When both KBIE and
KBF are set to1, an interrupt request is sent to the
CPU.
0: [Clearing condition]
Read KBF when KBF =1, then write 0 in KBF
1: [Setting conditions]
• When data has been received normally and has
been transferred to KBBR while KBFSEL = 1
(keyboard buffer register full flag)
• When a KCLK falling edge is detected while
KBFSEL = 0 (KCLK interrupt flag)
1
PER
0
R/(W)*
Parity Error
Indicates that an odd parity error has occurred.
0: [Clearing condition]
Read PER when PER =1, then write 0 in PER
1: [Setting condition]
When an odd parity error occurs
0
KBS
0
R
Keyboard Stop
Indicates the receive data stop bit. Valid only when
KBF = 1.
0: 0 stop bit received
1: 1 stop bit received
Note:
*
Only 0 can be written for clearing the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com