công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 563 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 563 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 559Page - Renesas Technology Corp H8S/2112 Datasheet HTML 560Page - Renesas Technology Corp H8S/2112 Datasheet HTML 561Page - Renesas Technology Corp H8S/2112 Datasheet HTML 562Page - Renesas Technology Corp H8S/2112 Datasheet HTML 563Page - Renesas Technology Corp H8S/2112 Datasheet HTML 564Page - Renesas Technology Corp H8S/2112 Datasheet HTML 565Page - Renesas Technology Corp H8S/2112 Datasheet HTML 566Page - Renesas Technology Corp H8S/2112 Datasheet HTML 567Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 563 / 894 page
background image
Section 18 Keyboard Buffer Control Unit (PS2)
Rev. 1.00 Mar. 18, 2008 Page 539 of 866
REJ09B0451-0100
18.4
Operation
18.4.1
Receive Operation
In a receive operation, both KCLK (clock) and KD (data) are outputs on the keyboard side and
inputs on this LSI chip (system) side. KD receives a start bit, 8 data bits (LSB-first), an odd parity
bit, and a stop bit, in that order. The KD value is valid when KCLK is low. Value of KD is valid
when the KCLK is low. A sample receive processing flowchart is shown in figure 18.3, and the
receive timing in figure 18.4.
Start
Set KBIOE bit
Read KBCRH
KCLKI
and KDI bits both
1?
Set KBE bit
Receive enabled state
KBF = 1?
PER = 0?
KBS = 1?
Read KBBR
Receive data processing
Clear KBF flag
(receive enabled state)
Keyboard side in data
transmission state.
Execute receive abort
processing.
Error handling
[1] Set the KBIOE bit to 1 in KBCRL.
[2] Read KBCRH, and if the KCLKI and KDI bits
are both 1, set the KBE bit (receive enabled
state).
[3] Detect the start bit output on the keyboard
side and receive data in synchronization with
the fall of KCLK.
[4] When a stop bit is received, the keyboard
buffer controller drives KCLK low to disable
keyboard transmission (automatic I/O inhibit).
If the KBIE bit is set to 1 in KBCRH, an
interrupt request is sent to the CPU at the
same time.
[5] Perform receive data processing.
[6] Clear the KBF flag to 0 in KBCRL.
At the same time, the system automatically
drives KCLK high, setting the receive enabled
state.
The receive operation can be continued by
[1]
[2]
[3]
[4]
[5]
[6]
Yes
No
Yes
Yes
Yes
No
No
No
Figure 18.3 Sample Receive Processing Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com