công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 566 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 566 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 562Page - Renesas Technology Corp H8S/2112 Datasheet HTML 563Page - Renesas Technology Corp H8S/2112 Datasheet HTML 564Page - Renesas Technology Corp H8S/2112 Datasheet HTML 565Page - Renesas Technology Corp H8S/2112 Datasheet HTML 566Page - Renesas Technology Corp H8S/2112 Datasheet HTML 567Page - Renesas Technology Corp H8S/2112 Datasheet HTML 568Page - Renesas Technology Corp H8S/2112 Datasheet HTML 569Page - Renesas Technology Corp H8S/2112 Datasheet HTML 570Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 566 / 894 page
background image
Section 18 Keyboard Buffer Control Unit (PS2)
Rev. 1.00 Mar. 18, 2008 Page 542 of 866
REJ09B0451-0100
12
89
017
10
11
KCLK
(pin state)
KCLK
(input)
Receive
completed
notification
KCLK
(output)
KBTE
KTER
KBTS
KD
(pin state)
Parity
I/O inhibit
[1] to [3]
[6] [7] [8]
[9] [10]
[11]
[4]
[5]
Stop bit
I/O inhibit
Start bit
Figure 18.6 Transmit Timing
18.4.3
Receive Abort
This LSI (system side) can forcibly abort transmission from the device connected to it (keyboard
side) in the event of a protocol error, etc. In this case, the system holds the clock low. During
reception, the keyboard also outputs a clock for synchronization, and the clock is monitored when
the keyboard output clock is high. If the clock is low at this time, the keyboard judges that there is
an abort request from the system, and data transmission from the keyboard is aborted. Thus the
system can abort reception by holding the clock low for a certain period. A sample receive abort
processing flowchart is shown in figure 18.7, and the receive abort timing in figure 18.8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com