công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 565 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 565 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 561Page - Renesas Technology Corp H8S/2112 Datasheet HTML 562Page - Renesas Technology Corp H8S/2112 Datasheet HTML 563Page - Renesas Technology Corp H8S/2112 Datasheet HTML 564Page - Renesas Technology Corp H8S/2112 Datasheet HTML 565Page - Renesas Technology Corp H8S/2112 Datasheet HTML 566Page - Renesas Technology Corp H8S/2112 Datasheet HTML 567Page - Renesas Technology Corp H8S/2112 Datasheet HTML 568Page - Renesas Technology Corp H8S/2112 Datasheet HTML 569Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 565 / 894 page
background image
Section 18 Keyboard Buffer Control Unit (PS2)
Rev. 1.00 Mar. 18, 2008 Page 541 of 866
REJ09B0451-0100
18.4.2
Transmit Operation
In a transmit operation, KCLK (clock) is an output on the keyboard side, and KD (data) is an
output on the chip (system) side. KD outputs a start bit, 8 data bits (LSB-first), an odd parity bit,
and a stop bit, in that order. The KD value is valid when KCLK is high. A sample transmit
processing flowchart is shown in figure 18.5, and the transmit timing in figure 18.6.
KDO retains 1
[4]
[3]
[2]
[1]
[5]
[6]
[7]
[8]
[9]
[10]
[11]
Set KBIOE bit
Write 1 to the KBIOE bit to enable transmission/
reception.
Clear the KBE bit (reception disabled).
Write transmit data to KBTR.
Read KBCRH, and when both the KCLKI and
KDI bits are 1, write 0 to the KCLKO bit to set
the I/O inhibit. 60
µs or more is required for I/O
inhibit.
Read KBCRH, and when the KDI bit is 1, write
0 to the KDO (set start bit).
Write 1 to the KBTS bit to enter the transmit
enabled state.
Write 1 to the KCLKO bit to clear the I/O inhibit.
Check D0 to D7, the parity bit, the stop bit, and
receive completion notification (send data at the
falling edge of the KCLK signal).
The KBTE bit is set to 1 at the eleventh rising
edge of the KCLK signal. When KTIE = 1, a
CPU interrupt occurs.
When KTER = 0, transmission is successfully completed.
Clear the KBTE bit to 0.
[1]
[2]
[3]
[4]
[5]
[6]
[7]
[8]
[9]
[10]
[11]
Write transmit data
to KBTR
Clear KBE bit
(reception disabled)
Read KBCRH
No
Yes
No
No
No
Yes
Yes
Yes
To transmit operation or receive operation
Read KBCRH
KCLKO retains 0
KDO retains 0
Clear I/O inhibit
(KCLKO = 1)
Autmatic transmission
Clear KBTE bit
Error handling
Set KBTS
(KBTS = 1)
KBTE = 1
KTER = 0
Set start bit
(KDO = 0)*
KDI = 1?
Receive termination
processing execution
Retransmit request
processing execution
Both KCLKI and
KDI = 1?
Set I/O inhibit
(KCLKO = 0)
Start
(Condition: KBE = 0)
Note: * The start bit (KDO = 0) is automatically initialized (KDO = 1)
when automatic transmission is started. After initialization,
to write 0 to KDO, read 1 before writing 0 to it.
Figure 18.5 Sample Transmit Processing Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com