công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 556 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 556 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 552Page - Renesas Technology Corp H8S/2112 Datasheet HTML 553Page - Renesas Technology Corp H8S/2112 Datasheet HTML 554Page - Renesas Technology Corp H8S/2112 Datasheet HTML 555Page - Renesas Technology Corp H8S/2112 Datasheet HTML 556Page - Renesas Technology Corp H8S/2112 Datasheet HTML 557Page - Renesas Technology Corp H8S/2112 Datasheet HTML 558Page - Renesas Technology Corp H8S/2112 Datasheet HTML 559Page - Renesas Technology Corp H8S/2112 Datasheet HTML 560Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 556 / 894 page
background image
Section 18 Keyboard Buffer Control Unit (PS2)
Rev. 1.00 Mar. 18, 2008 Page 532 of 866
REJ09B0451-0100
Bit
Bit Name
Initial
Value
R/W
Description
2
KCIF
0
R/(W)* First KCLK Falling Interrupt Flag
Indicates that the first falling edge of KCLK is
detected. When KCIE and KCIF are set to 1, requests
the CPU an interrupt.
0: [Clearing condition]
After reading KCIF = 1, 0 is written
1: [Setting condition]
When the first falling edge of KCLK is detected
Note that this flag cannot be set when software
standby mode or watch mode is cancelled. (However,
internal flag is set.)
1
KBTE
0
R/(W)* Transmit Completion Flag
Indicates that data transmission is completed. When
KTIE and KBTE are set to 1, requests the CPU an
interrupt.
0: [Clearing condition]
After reading KBTE = 1, 0 is written
1: [Setting Condition]
When all KBTR data has been transmitted (Set at the
eleventh rising edge of the KCLK signal).
0
KTER
0
R
Transmit Error
Stores a notification of receive completion. Valid only
when KBTE = 1.
0: 0 received as a notification of receive completion.
1: 1 received as a notification of receive completion.
Note:
*
Only 0 can be written for clearing the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com