công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 558 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 558 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 554Page - Renesas Technology Corp H8S/2112 Datasheet HTML 555Page - Renesas Technology Corp H8S/2112 Datasheet HTML 556Page - Renesas Technology Corp H8S/2112 Datasheet HTML 557Page - Renesas Technology Corp H8S/2112 Datasheet HTML 558Page - Renesas Technology Corp H8S/2112 Datasheet HTML 559Page - Renesas Technology Corp H8S/2112 Datasheet HTML 560Page - Renesas Technology Corp H8S/2112 Datasheet HTML 561Page - Renesas Technology Corp H8S/2112 Datasheet HTML 562Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 558 / 894 page
background image
Section 18 Keyboard Buffer Control Unit (PS2)
Rev. 1.00 Mar. 18, 2008 Page 534 of 866
REJ09B0451-0100
18.3.3
Keyboard Control Register H (KBCRH)
KBCRH indicates the operating status of the keyboard buffer control unit.
Bit
Bit Name
Initial
Value
R/W
Description
7
KBIOE
0
R/W
Keyboard In/Out Enable
Selects whether or not the keyboard buffer control unit
is used.
0: The keyboard buffer control unit is non-operational
(KCLK and KD signal pins have port functions)
1: The keyboard buffer control unit is enabled for
transmission and reception (KCLK and KD signal
pins are in the bus drive state)
6
KCLKI
1
R
Keyboard Clock In
Monitors the KCLK I/O pin. This bit cannot be
modified.
0: KCLK I/O pin is low
1: KCLK I/O pin is high
5
KDI
1
R
Keyboard Data In
Monitors the KDI I/O pin. This bit cannot be modified.
0: KD I/O pin is low
1: KD I/O pin is high
4
KBFSEL
1
R/W
Keyboard Buffer Register Full Select
Selects whether the KBF bit is used as the keyboard
buffer register full flag or as the KCLK fall interrupt
flag. When KBF bit is used as the KCLK fall interrupt
flag, the KBE bit in KBCRL should be cleared to 0 to
disable reception.
0: KBF bit is used as KCLK fall interrupt flag
1: KBF bit is used as keyboard buffer register full flag
3
KBIE
0
R/W
Keyboard Interrupt Enable
Enables or disables interrupts from the keyboard
buffer control unit to the CPU.
0: Interrupt requests are disabled
1: Interrupt requests are enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com