công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 557 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 557 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 553Page - Renesas Technology Corp H8S/2112 Datasheet HTML 554Page - Renesas Technology Corp H8S/2112 Datasheet HTML 555Page - Renesas Technology Corp H8S/2112 Datasheet HTML 556Page - Renesas Technology Corp H8S/2112 Datasheet HTML 557Page - Renesas Technology Corp H8S/2112 Datasheet HTML 558Page - Renesas Technology Corp H8S/2112 Datasheet HTML 559Page - Renesas Technology Corp H8S/2112 Datasheet HTML 560Page - Renesas Technology Corp H8S/2112 Datasheet HTML 561Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 557 / 894 page
background image
Section 18 Keyboard Buffer Control Unit (PS2)
Rev. 1.00 Mar. 18, 2008 Page 533 of 866
REJ09B0451-0100
18.3.2
Keyboard Buffer Control Register 2 (KBCR2)
KBCR2 is a 4-bit counter which performs counting synchronized with the falling edge of KCLK.
Transmit data is synchronized with the transmit counter, and data in the KBTR is sent to the KD
(LSB-first).
Bit
Bit Name
Initial
Value
R/W
Description
7 to 4
All 1
R/W
Reserved
These bits are always read as 0. The initial value
should not be changed.
3
2
1
0
TXCR3
TXCR2
TXCR1
TXCR0
0
0
0
0
R
R
R
R
Transmit Counter
Indicates bit of transmit data. Counter is incremented
at the falling edge of KCLK. The transmit counter is
initialized by a reset, when the KBTS is cleared to 0,
the KBIOE is cleared to 0, or the KBTE is set to 1.
0000: Clear
0001: KBT0
0010: KBT1
0011: KBT2
0100: KBT3
0101: KBT4
0110: KBT5
0111: KBT6
1000: KBT7
1001: Parity bit
1010: Stop bit
1011: Transmit completion notification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com