| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3008 bảng dữ liệu(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3008 bảng dữ liệu(HTML) 30 Page - Renesas Technology Corp |
|
30 / 686 page ![]() Rev.4.00 Aug. 20, 2007 Page xxx of xliv REJ09B0395-0400 Figure 5.3 Timing of Setting of IRQnF ............................................................................... 88 Figure 5.4 Process Up to Interrupt Acceptance when UE = 1 ............................................. 93 Figure 5.5 Interrupt Masking State Transitions (Example) ................................................. 95 Figure 5.6 Process Up to Interrupt Acceptance when UE = 0 ............................................. 96 Figure 5.7 Interrupt Exception Handling Sequence............................................................. 97 Figure 5.8 Contention between Interrupt and Interrupt-Disabling Instruction .................... 99 Section 6 Bus Controller Figure 6.1 Block Diagram of Bus Controller....................................................................... 102 Figure 6.2 Access Area Map for Each Operating Mode...................................................... 116 Figure 6.3 Memory Map in 16-Mbyte Mode....................................................................... 117 Figure 6.4 CSn Signal Output Timing (n = 0 to 7) .............................................................. 120 Figure 6.5 Sample Address Output in Each Address Update Mode (Basic Bus Interface, 3-State Space) .................................................................. 120 Figure 6.6 Example of Consecutive External Space Accesses in Address Update Mode 2 ............................................................................................................... 121 Figure 6.7 Access Sizes and Data Alignment Control (8-Bit Access Area) ........................ 122 Figure 6.8 Access Sizes and Data Alignment Control (16-Bit Access Area) ...................... 123 Figure 6.9 Bus Control Signal Timing for 8-Bit, Three-State-Access Area ........................ 125 Figure 6.10 Bus Control Signal Timing for 8-Bit, Two-State-Access Area .......................... 126 Figure 6.11 Bus Control Signal Timing for 16-Bit, Three-State-Access Area (1) (Byte Access to Even Address) .......................................................................... 127 Figure 6.12 Bus Control Signal Timing for 16-Bit, Three-State-Access Area (2) (Byte Access to Odd Address) ........................................................................... 128 Figure 6.13 Bus Control Signal Timing for 16-Bit, Three-State-Access Area (3) (Word Access).................................................................................................... 129 Figure 6.14 Bus Control Signal Timing for 16-Bit, Two-State-Access Area (1) (Byte Access to Even Address) .......................................................................... 130 Figure 6.15 Bus Control Signal Timing for 16-Bit, Two-State-Access Area (2) (Byte Access to Odd Address) ........................................................................... 131 Figure 6.16 Bus Control Signal Timing for 16-Bit, Two-State-Access Area (3) (Word Access).................................................................................................... 132 Figure 6.17 Example of Wait State Insertion Timing............................................................ 133 Figure 6.18 Example of Idle Cycle Operation (ICIS1 = 1).................................................... 134 Figure 6.19 Example of Idle Cycle Operation (ICIS0 = 1).................................................... 135 Figure 6.20 Example of Idle Cycle Operation ....................................................................... 136 Figure 6.21 Example of External Bus Master Operation....................................................... 138 Figure 6.22 ASTCR Write Timing ........................................................................................ 139 Figure 6.23 DDR Write Timing............................................................................................. 139 Figure 6.24 BRCR Write Timing .......................................................................................... 140 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |