| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3008 bảng dữ liệu(PDF) 29 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3008 bảng dữ liệu(HTML) 29 Page - Renesas Technology Corp |
|
29 / 686 page ![]() Rev.4.00 Aug. 20, 2007, Page xxix of xliv REJ09B0395-0400 Figures Section 1 Overview Figure 1.1 Block Diagram ................................................................................................... 5 Figure 1.2 Pin Arrangement of H8/3008 (FP-100B or TFP-100B Package, Top View) ..... 7 Section 2 CPU Figure 2.1 CPU Operating Modes ....................................................................................... 18 Figure 2.2 Memory Map...................................................................................................... 19 Figure 2.3 CPU Registers .................................................................................................... 20 Figure 2.4 Usage of General Registers ................................................................................ 21 Figure 2.5 Stack ................................................................................................................... 22 Figure 2.6 General Register Data Formats (1) ..................................................................... 24 Figure 2.7 General Register Data Formats (2) ..................................................................... 25 Figure 2.8 Memory Data Formats........................................................................................ 26 Figure 2.9 Instruction Formats............................................................................................. 39 Figure 2.10 Memory-Indirect Branch Address Specification ................................................ 43 Figure 2.11 Processing States ................................................................................................ 47 Figure 2.12 Classification of Exception Sources ................................................................... 48 Figure 2.13 State Transitions ................................................................................................. 49 Figure 2.14 Stack Structure after Exception Handling .......................................................... 50 Figure 2.15 On-Chip Memory Access Cycle......................................................................... 52 Figure 2.16 Pin States during On-Chip Memory Access (Address Update Mode 1)............. 52 Figure 2.17 Access Cycle for On-Chip Supporting Modules ................................................ 53 Figure 2.18 Pin States during Access to On-Chip Supporting Modules ................................ 53 Section 3 MCU Operating Modes Figure 3.1 Memory Map of H8/3008 in Each Operating Mode........................................... 63 Section 4 Exception Handling Figure 4.1 Exception Sources .............................................................................................. 66 Figure 4.2 Reset Sequence (Modes 1 and 3)........................................................................ 69 Figure 4.3 Reset Sequence (Modes 2 and 4)........................................................................ 70 Figure 4.4 Interrupt Sources and Number of Interrupts ....................................................... 71 Figure 4.5 Stack after Completion of Exception Handling.................................................. 72 Figure 4.6 Operation when SP Value is Odd ....................................................................... 74 Section 5 Interrupt Controller Figure 5.1 Interrupt Controller Block Diagram ................................................................... 76 Figure 5.2 Block Diagram of Interrupts IRQ 5 to IRQ0 ......................................................... 87 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |