công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3008 bảng dữ liệu(PDF) 14 Page - Renesas Technology Corp

tên linh kiện H8/3008
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  686 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3008 bảng dữ liệu(HTML) 14 Page - Renesas Technology Corp

Back Button H8/3008 Datasheet HTML 10Page - Renesas Technology Corp H8/3008 Datasheet HTML 11Page - Renesas Technology Corp H8/3008 Datasheet HTML 12Page - Renesas Technology Corp H8/3008 Datasheet HTML 13Page - Renesas Technology Corp H8/3008 Datasheet HTML 14Page - Renesas Technology Corp H8/3008 Datasheet HTML 15Page - Renesas Technology Corp H8/3008 Datasheet HTML 16Page - Renesas Technology Corp H8/3008 Datasheet HTML 17Page - Renesas Technology Corp H8/3008 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 686 page
background image
Rev.4.00 Aug. 20, 2007 page xiv of xliv
REJ09B0395-0400
Item
Page
Revision (See Manual for Details)
12.3.2 Operation in
Asynchronous Mode
Figure 12.4 Sample
Flowchart for SCI
Initialization
356
Figure amended and note added
(4) Wait for at least the interval required to transmit or receive
one bit, then set the TE or RE bit to 1 in SCR*. Set the RIE,
TIE, TEIE, and MPIE bits as necessary. Setting the TE or
RE bit enables the SCI to use the TxD or RxD pin.
Note: * In simultaneous transmitting and receiving, the TE and
RE bits should be cleared to 0 or set to 1
simultaneously.
13.3.5 Clock
Table 13.5 Bit Rates
(bits/s) for Various BRR
Settings (When n = 0)
396
Table amended
φφ (MHz)
N
18.00
20.00
25.00
0
24193.5
26881.7
33602.2
1
12096.8
13440.9
16801.1
2
8064.5
8960.6
11200.7
Table 13.6 BRR
Settings for Typical Bit
Rates (bits/s) (When n =
0)
397
Table amended
φφ (MHz)
18.00
20.00
25.00
bit/s
N Error
N Error
N Error
9600
2 15.99
2 6.66
3 12.49
18.4.3 Selection of
Waiting Time for Exit
from Software Standby
Mode
Table 18.3 Clock
Frequency and Waiting
Time for Clock to Settle
466
Table amended
DIV1 DIV0 STS2 STS1 STS0 Waiting Time 6 MHz
4 MHz
2 MHz 1MHz
0
1
0
0
0
8192 states
2.7
4.1
8.2*
0
0
1
16384 states
5.5
8.2*
16.4
0
1
0
32768 states
10.9*
16.4
32.8
0
1
1
65536 states
21.8
32.8
65.5
1
0
0
131072 states 43.7
65.5
131.1
1
0
1
262144 states 87.4
131.1
262.1
1
1
0
1024 states
0.34
0.51
1.0
1
1
1
Illegal setting
Unit
ms
16.4*
32.8
65.5
131.1
262.1
524.3
2.0
19.2 DC
Characteristics
Table 19.2 DC
Characteristics (2)
476
Table amended
Item
Symbol
Min
Typ
Max
Current
dissipation*
2
I
CC*
3
Standby mode
1.0
10
80
Analog power
supply current
During A/D
conversion
AI
CC
0.6
1.5
During A/D
and D/A
conversion
0.6
1.5
Idle
0.01
5.0
⎯
⎯
⎯
⎯
⎯
⎯



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com