công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3008 bảng dữ liệu(PDF) 76 Page - Renesas Technology Corp

tên linh kiện H8/3008
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  686 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3008 bảng dữ liệu(HTML) 76 Page - Renesas Technology Corp

Back Button H8/3008 Datasheet HTML 72Page - Renesas Technology Corp H8/3008 Datasheet HTML 73Page - Renesas Technology Corp H8/3008 Datasheet HTML 74Page - Renesas Technology Corp H8/3008 Datasheet HTML 75Page - Renesas Technology Corp H8/3008 Datasheet HTML 76Page - Renesas Technology Corp H8/3008 Datasheet HTML 77Page - Renesas Technology Corp H8/3008 Datasheet HTML 78Page - Renesas Technology Corp H8/3008 Datasheet HTML 79Page - Renesas Technology Corp H8/3008 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 686 page
background image
2. CPU
Rev.4.00 Aug. 20, 2007 Page 32 of 638
REJ09B0395-0400
Instruction Size*
Function
DIVXU
B/W
Rd ÷ Rs
→ Rd
Performs unsigned division on data in two general registers: either 16 bits ÷ 8
bits
→ 8-bit quotient and 8-bit remainder or 32 bits ÷ 16 bits → 16-bit quotient
and 16-bit remainder
DIVXS
B/W
Rd ÷ Rs
→ Rd
Performs signed division on data in two general registers: either 16 bits ÷ 8
bits
→ 8-bit quotient and 8-bit remainder, or 32 bits ÷ 16 bits → 16-bit
quotient and 16-bit remainder
CMP
B/W/L
Rd
− Rs, Rd − #IMM
Compares data in a general register with data in another general register or
with immediate data, and sets CCR according to the result.
NEG
B/W/L
0
− Rd → Rd
Takes the two's complement (arithmetic complement) of data in a general
register.
EXTS
W/L
Rd (sign extension)
→ Rd
Extends byte data in the lower 8 bits of a 16-bit register to word data, or
extends word data in the lower 16 bits of a 32-bit register to longword data,
by extending the sign bit.
EXTU
W/L
Rd (zero extension)
→ Rd
Extends byte data in the lower 8 bits of a 16-bit register to word data, or
extends word data in the lower 16 bits of a 32-bit register to longword data,
by padding with zeros.
Note:
*
Size refers to the operand size.
B:
Byte
W: Word
L:
Longword



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com