| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3008 bảng dữ liệu(PDF) 33 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3008 bảng dữ liệu(HTML) 33 Page - Renesas Technology Corp |
|
33 / 686 page ![]() Rev.4.00 Aug. 20, 2007, Page xxxiii of xliv REJ09B0395-0400 Figure 9.23 Contention between TCOR Write and Input Capture......................................... 277 Figure 9.24 Contention between 8TCNT Byte Write and Increment in 16-Bit Count Mode................................................................................................................... 278 Section 10 Programmable Timing Pattern Controller (TPC) Figure 10.1 TPC Block Diagram ........................................................................................... 284 Figure 10.2 TPC Output Operation........................................................................................ 300 Figure 10.3 Timing of Transfer of Next Data Register Contents and Output (Example) ...... 301 Figure 10.4 Setup Procedure for Normal TPC Output (Example)......................................... 302 Figure 10.5 Normal TPC Output Example (Five-Phase Pulse Output) ................................. 303 Figure 10.6 Setup Procedure for Non-Overlapping TPC Output (Example) ......................... 304 Figure 10.7 Non-Overlapping TPC Output Example (Four-Phase Complementary Non-Overlapping Pulse Output) ......................... 305 Figure 10.8 TPC Output Triggering by Input Capture (Example)......................................... 306 Figure 10.9 Non-Overlapping TPC Output............................................................................ 307 Figure 10.10 Non-Overlapping Operation and NDR Write Timing ........................................ 308 Section 11 Watchdog Timer Figure 11.1 WDT Block Diagram ......................................................................................... 310 Figure 11.2 Format of Data Written to TCNT and TCSR ..................................................... 315 Figure 11.3 Format of Data Written to RSTCSR................................................................... 316 Figure 11.4 Operation in Watchdog Timer Mode.................................................................. 317 Figure 11.5 Interval Timer Operation.................................................................................... 318 Figure 11.6 Timing of Setting of OVF .................................................................................. 318 Figure 11.7 Timing of Setting of WRST Bit and Internal Reset............................................ 319 Figure 11.8 Contention between TCNT Write and Count up ................................................ 320 Section 12 Serial Communication Interface Figure 12.1 SCI Block Diagram ............................................................................................ 323 Figure 12.2 Data Format in Asynchronous Communication (Example: 8-Bit Data with Parity and 2 Stop Bits) ............................................ 353 Figure 12.3 Phase Relationship between Output Clock and Serial Data (Asynchronous Mode) ........................................................................................ 355 Figure 12.4 Sample Flowchart for SCI Initialization............................................................. 356 Figure 12.5 Sample Flowchart for Transmitting Serial Data ................................................. 357 Figure 12.6 Example of SCI Transmit Operation in Asynchronous Mode (8-Bit Data with Parity and One Stop Bit).......................................................... 358 Figure 12.7 Sample Flowchart for Receiving Serial Data ..................................................... 359 Figure 12.8 Example of SCI Receive Operation (8-Bit Data with Parity and One Stop Bit).......................................................... 362 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |