công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3008 bảng dữ liệu(PDF) 103 Page - Renesas Technology Corp

tên linh kiện H8/3008
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  686 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3008 bảng dữ liệu(HTML) 103 Page - Renesas Technology Corp

Back Button H8/3008 Datasheet HTML 99Page - Renesas Technology Corp H8/3008 Datasheet HTML 100Page - Renesas Technology Corp H8/3008 Datasheet HTML 101Page - Renesas Technology Corp H8/3008 Datasheet HTML 102Page - Renesas Technology Corp H8/3008 Datasheet HTML 103Page - Renesas Technology Corp H8/3008 Datasheet HTML 104Page - Renesas Technology Corp H8/3008 Datasheet HTML 105Page - Renesas Technology Corp H8/3008 Datasheet HTML 106Page - Renesas Technology Corp H8/3008 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 686 page
background image
3. MCU Operating Modes
Rev.4.00 Aug. 20, 2007 Page 59 of 638
REJ09B0395-0400
Bit 3—User Bit Enable (UE): Selects whether to use the UI bit in the condition code register as a
user bit or an interrupt mask bit.
Bit 3
UE
Description
0
UI bit in CCR is used as an interrupt mask bit
1
UI bit in CCR is used as a user bit
(Initial value)
Bit 2—NMI Edge Select (NMIEG): Selects the valid edge of the NMI input.
Bit 2
NMIEG
Description
0
An interrupt is requested at the falling edge of NMI
(Initial value)
1
An interrupt is requested at the rising edge of NMI
Bit 1—Software Standby Output Port Enable (SSOE): Specifies whether the address bus and
bus control signals (
CS
0 to CS7, AS, RD, HWR, LWR) are kept as outputs or fixed high, or placed
in the high-impedance state in software standby mode.
Bit 1
SSOE
Description
0
In software standby mode, the address bus and bus control signals are all high-
impedance
(Initial value)
1
In software standby mode, the address bus retains its output state and bus control
signals are fixed high
Bit 0—RAM Enable (RAME): Enables or disables the on-chip RAM. The RAME bit is
initialized by the rising edge of the
RES signal. It is not initialized in software standby mode.
Bit 0
RAME
Description
0
On-chip RAM is disabled
1
On-chip RAM is enabled
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com