| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7641 bảng dữ liệu(PDF) 80 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7641 bảng dữ liệu(HTML) 80 Page - Renesas Technology Corp |
|
80 / 138 page ![]() 7641 Group Rev.4.00 Aug 28, 2006 page 80 of 135 REJ03B0191-0400 Parameter Power source voltage Analog power source voltage AVcc, Ext.Cap Input voltage P00–P07, P10–P17, P20–P27, P30–P37, P40–P44, P50–P57, P60–P67, P70–P74, P80–P87 Input voltage RESET, XIN, XCIN Input voltage CNVSS Mask ROM version Flash memory version Input voltage USB D+, USB D– Output voltage P00–P07, P10–P17, P20–P27, P30–P37, P40–P44, P50–P57, P60–P67, P70–P74, P80–P87, XOUT, XCOUT, LPF Output voltage USB D+, USB D–, Ext. Cap Power dissipation (Note) Operating temperature Storage temperature Symbol VCC AVCC VI VI VI VI VO VO Pd Topr Tstg ELECTRICAL CHARACTERISTICS Conditions Ratings –0.3 to 6.5 –0.3 to VCC+0.3 –0.3 to VCC+0.3 –0.3 to VCC+0.3 –0.3 to Vcc + 0.3 –0.3 to 6.5 –0.5 to 3.8 –0.3 to VCC+0.3 Unit V V V V V V V V All voltages are based on Vss. Output transistors are cut off. Ta = 25°C –0.5 to 3.8 750 –20 to 70 –40 to 125 V mW °C °C Note: The maximum power dissipation depends on the MCU’s power dissipation and the specific heat consumption of the package. Absolute Maximum Ratings Table 10 Absolute maximum ratings |