| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSC7119 bảng dữ liệu(PDF) 54 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MSC7119 bảng dữ liệu(HTML) 54 Page - Freescale Semiconductor, Inc |
|
54 / 60 page ![]() MSC7119 Data Sheet, Rev. 8 Hardware Design Considerations Freescale Semiconductor 54 3.5 DDR Memory System Guidelines MSC7119 devices contain a memory controller that provides a glueless interface to external double data rate (DDR) SDRAM memory modules with Class 2 Series Stub Termination Logic 2.5 V (SSTL_2). There are two termination techniques, as shown in Figure 36. Technique B is the most popular termination technique. Figure 37 illustrates the power wattage for the resistors. Typical values for the resistors are as follows: • RS = 22 Ω •RT = 24 Ω Figure 36. SSTL Termination Techniques Controller Address Command Chip Selects Data Strobes Mask VREF VTT Generator DDR Bank DDR Bank VTT SSTL_2 SSTL_2 SSTL_2 RS RT RT RS Controller Address Command Chip Selects Data Strobes Mask VTT Generator DDR Bank DDR Bank SSTL_2 SSTL_2 SSTL_2 RS RT RT RS Technique A Technique B |