| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SABRE-LL-I bảng dữ liệu(PDF) 89 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SABRE-LL-I bảng dữ liệu(HTML) 89 Page - STMicroelectronics |
|
89 / 141 page ![]() SABRE-LL-I Interrupt controller 89/141 20 Interrupt controller 20.1 Overview S.A.B.Re contains one programmable interrupt controller that can be used to advice the firmware, through the serial interface, when a certain event happens inside the IC. The output of the interrupt circuit can be also redirected on a GPIO pin therefore the event can be signaled directly to the external circuits. Figure 26. Low power switch block diagram Monitored signals Enable signal s EnIntCtrl Pulse Generator IntCtrlAutoDisable EnIntCtrlPulse DisableMonitor Disable Pulse Generation logic DisableSignals To Gpio |