| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SABRE-LL-I bảng dữ liệu(PDF) 75 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SABRE-LL-I bảng dữ liệu(HTML) 75 Page - STMicroelectronics |
|
75 / 141 page ![]() SABRE-LL-I AD converter 75/141 Figure 22. A2D block diagram The A2D system is enabled by setting the A2DEnable bit to ‘1’ in the A2DControl register. The A2DType bit in the A2DConfigX registers selects the A2D active configuration (8-bit resolution or 9-bit) according to the following truth table: The multiplexer channel to be converted can be chosen by writing the A2DChannel1[4:0] or A2DChannel2[4:0] bits in the A2DConfigX register; the channel addresses table is reported in the following table. Table 51. ADC truth A2DEnable A2DType0/1 A2D operation 0 X Disabled 1 0 ADC working as a 8-bit ADC 1 1 ADC working as a 9-bit ADC S&H A2D To SPI Analog Mux Vsupply VLINmain FB VSWmain FB GPio[13:0] Vpsw CurrDac Temp Senso Vpump V3v3 SWDRV_FB |