| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L6713A bảng dữ liệu(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6713A bảng dữ liệu(HTML) 46 Page - STMicroelectronics |
|
46 / 64 page ![]() Soft-start L6713A 46/64 16.3 Low-side-less startup In order to avoid any kind of negative undershoot on the load side during start-up, L6713A performs a special sequence in enabling LS driver to switch: during the soft-start phase, the LS driver results disabled (LS = OFF) until the HS starts to switch. This avoid the dangerous negative spike on the output voltage that can happen if starting over a pre-biased output (See Figure 21). This particular feature of the device masks the LS turn-ON only from the control loop point of view: protections are still allowed to turn-ON the LS MOSFET in case of over voltage if needed. Figure 21. Low-side-less start-up comparison |