công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6713A bảng dữ liệu(PDF) 60 Page - STMicroelectronics

tên linh kiện L6713A
Giải thích chi tiết về linh kiện  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713A bảng dữ liệu(HTML) 60 Page - STMicroelectronics

Back Button L6713A Datasheet HTML 56Page - STMicroelectronics L6713A Datasheet HTML 57Page - STMicroelectronics L6713A Datasheet HTML 58Page - STMicroelectronics L6713A Datasheet HTML 59Page - STMicroelectronics L6713A Datasheet HTML 60Page - STMicroelectronics L6713A Datasheet HTML 61Page - STMicroelectronics L6713A Datasheet HTML 62Page - STMicroelectronics L6713A Datasheet HTML 63Page - STMicroelectronics L6713A Datasheet HTML 64Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 60 / 64 page
background image
Embedding L6713A - based VR
L6713A
60/64
25
Embedding L6713A - based VR
When embedding the VRD into the application, additional care must be taken since the
whole VRD is a switching DC/DC regulator and the most common system in which it has to
work is a digital system such as MB or similar. In fact, latest MB has become faster and
powerful: high speed data bus are more and more common and switching-induced noise
produced by the VRD can affect data integrity if not following additional layout guidelines.
Few easy points must be considered mainly when routing traces in which high switching
currents flow (high switching currents cause voltage spikes across the stray inductance of
the trace causing noise that can affect the near traces):
Keep safe guarding distance between high current switching VRD traces and data buses,
especially if high-speed data bus to minimize noise coupling.
Keep safe guard distance or filter properly when routing bias traces for I/O sub-systems that
must walk near the VRD.
Possible causes of noise can be located in the PHASE connections, MOSFET gate drive
and Input voltage path (from input bulk capacitors and HS drain). Also PGND connections
must be considered if not insisting on a power ground plane. These connections must be
carefully kept far away from noise-sensitive data bus.
Since the generated noise is mainly due to the switching activity of the VRM, noise
emissions depend on how fast the current switches. To reduce noise emission levels, it is
also possible, in addition to the previous guidelines, to reduce the current slope by properly
tuning the HS gate resistor and the PHASE snubber network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com