công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6713A bảng dữ liệu(PDF) 55 Page - STMicroelectronics

tên linh kiện L6713A
Giải thích chi tiết về linh kiện  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713A bảng dữ liệu(HTML) 55 Page - STMicroelectronics

Back Button L6713A Datasheet HTML 51Page - STMicroelectronics L6713A Datasheet HTML 52Page - STMicroelectronics L6713A Datasheet HTML 53Page - STMicroelectronics L6713A Datasheet HTML 54Page - STMicroelectronics L6713A Datasheet HTML 55Page - STMicroelectronics L6713A Datasheet HTML 56Page - STMicroelectronics L6713A Datasheet HTML 57Page - STMicroelectronics L6713A Datasheet HTML 58Page - STMicroelectronics L6713A Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
L6713A
Tolerance band (TOB) definition
55/64
23
Tolerance band (TOB) definition
Output voltage load-line varies considering component process variation, system
temperature extremes, and age degradation limits. Moreover, individual tolerance of the
components also varies among designs: it is then possible to define a manufacturing
tolerance band (TOBManuf) that defines the possible output voltage spread across the
nominal load line characteristic.
TOBManuf can be sliced into different three main categories: Controller tolerance, external
current sense circuit tolerance and time constant matching error tolerance. All these
parameters can be composed thanks to the RSS analysis so that the manufacturing
variation on TOB results to be:
Output voltage ripple (VP=VPP/2) and temperature measurement error (VTC) must be added
to the manufacturing TOB in order to get the system tolerance band as follow:
All the component spreads and variations are usually considered at 3
σ. Here follows an
explanation on how to calculate these parameters for a reference L6713A application.
23.1
Controller tolerance (TOBController)
It can be further sliced as follow:
Reference tolerance. L6713A is trimmed during the production stage to ensure the
output voltage to be within kVID = ± 0.5 % (± 0.6 % for AMD DAC) over temperature and
line variations. In addition, the device automatically adds a -19 mV offset (Only for Intel
mode) avoiding the use of any external component. This offset is already included
during the trimming process in order to avoid the use of any external circuit to generate
this offsets and, moreover, avoiding the introduction of any further error to be
considered in the TOB calculation.
Current reading circuit. The device reads the current flowing across the inductor DCR
by using its dedicated differential inputs. The current sourced by the VRD is then
reproduced and sourced from the DROOP pin scaled down by a proper designed gain
as follow:
This current multiplied by the RFB resistor connected from FB pin vs. the load allows
programming the droop function according to the selected DCR/Rg gain and RFB
resistor. Deviations in the current sourced due to errors in the current reading, impacts
on the output voltage depending on the size of RFB resistor. The device is trimmed
during the production stage in order to guarantee a maximum deviation of kIFB = ± 1 μA
from the nominal value.
Controller tolerance results then to be:
TOB
Manuf
TOB
Controller
2
TOB
CurrSense
2
TOB
TCMatching
2
++
=
TOB
TOB
Manuf
V
P
V
TC
++
=
I
DROOP
DCR
Rg
------------- I
OUT
=
TOB
Controller
VID
19mV
() k
VID
[]
2
k
IDROOP
R
FB
()
2
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com