công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6713A bảng dữ liệu(PDF) 56 Page - STMicroelectronics

tên linh kiện L6713A
Giải thích chi tiết về linh kiện  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713A bảng dữ liệu(HTML) 56 Page - STMicroelectronics

Back Button L6713A Datasheet HTML 52Page - STMicroelectronics L6713A Datasheet HTML 53Page - STMicroelectronics L6713A Datasheet HTML 54Page - STMicroelectronics L6713A Datasheet HTML 55Page - STMicroelectronics L6713A Datasheet HTML 56Page - STMicroelectronics L6713A Datasheet HTML 57Page - STMicroelectronics L6713A Datasheet HTML 58Page - STMicroelectronics L6713A Datasheet HTML 59Page - STMicroelectronics L6713A Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
Tolerance band (TOB) definition
L6713A
56/64
23.2
Ext. current sense circuit tolerance (TOBCurrSense)
It can be further sliced as follow:
Inductor DCR Tolerance (kDCR). Variations in the inductor DCR impacts on the output
voltage since the device reads a current that is different from the real current flowing
into the sense element. As a results, the controller will source a IDROOP current different
from the nominal. The results will be an AVP different from the nominal in the same
percentage as the DCR is different from the nominal. Since all the sense elements
results to be in parallel, the error related to the inductor DCR has to be divided by the
number of phases (N).
Trans-conductance resistors tolerance (kRg). Variations in the Rg resistors impacts in
the current reading circuit gain and so impacts on the output voltage. The results will be
an AVP different from the nominal in the same percentage as the Rg is different from
the nominal. Since all the sense elements results to be in parallel, and so the three
current reading circuits, the error related to the Rg resistors has to be divided by the
number of phases (N).
NTC initial accuracy (kNTC_0). Variations in the NTC nominal value at room temperature
used for the thermal compensation impacts on the AVP in the same percentage as
before. In addition, the benefit of the division by the number of phases N cannot be
applied in this case.
NTC temperature accuracy (kNTC). NTC variations from room to hot also impacts on
the output voltage positioning. The impact is bigger as big is the temperature variation
from room to hot (
ΔT).
All these parameters impacts the AVP, so they must be weighted on the maximum voltage
swing from zero load up to the maximum electrical current (VAVP). Total error from external
current sense circuit results:
23.3
Time constant matching error tolerance (TOBTCMatching)
Inductance and capacitance tolerance (kL, kC). Variations in the inductance value and
in the value of the capacitor used for the time constant matching causes over/under
shoots after a load transient appliance. This impacts the output voltage and then the
TOB. Since all the sense elements results to be in parallel, the error related to the time
constant mismatch has to be divided by the number of phases (N).
Capacitance temperature variations (kCt). The capacitor used for time constant
matching also vary with temperature (
ΔT
C) impacting on the output voltage transients
ad before. Since all the sense elements results to be in parallel, the error related to the
time constant mismatch has to be divided by the number of phases (N).
All these parameters impact the dynamic AVP, so they must be weighted on the maximum
dynamic voltage swing (Idyn). Total error due to time constant mismatch results:
TOB
CurrSense
V
AVP
2
k
DCR
2
N
--------------
k
Rg
2
N
---------
k
NTC0
2
αΔTk
NTC
⋅⋅
DCR
----------------------------------
⎝⎠
⎛⎞
2
++
+
=
TOB
TCMatching
V
AVPDyn
2
k
L
2
k
C
2
k
Ct
ΔTC
()
2
++
N
----------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com