công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC48F4400PLYB0 bảng dữ liệu(PDF) 90 Page - Numonyx B.V

tên linh kiện PC48F4400PLYB0
Giải thích chi tiết về linh kiện  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUMONYX [Numonyx B.V]
Trang chủ  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLYB0 bảng dữ liệu(HTML) 90 Page - Numonyx B.V

Back Button PC48F4400PLYB0 Datasheet HTML 86Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 87Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 88Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 89Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 90Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 91Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 92Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 93Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 94Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
90
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
B.2
Query Structure Overview
The Query command causes the flash component to display the Common Flash
Interface (CFI) Query structure or “database.” The structure sub-sections and address
locations are summarized below.
Table 38: Query Structure
Notes:
1.
Refer to the Query Structure Output section and offset 28h for the detailed definition of offset address as a function of
device bus width and mode.
2.
BA = Block Address beginning location (i.e., 08000h is block 1’s beginning location when the block size is 32K-word).
3.
Offset 15 defines “P” which points to the Primary Numonyx-specific Extended Query Table.
B.3
Block Status Register
The Block Status Register indicates whether an erase operation completed successfully
or whether a given block is locked or can be accessed for flash program/erase
operations.
Block Erase Status (BSR.1) allows system software to determine the success of the last
block erase operation. BSR.1 can be used just after power-up to verify that the VCC
supply was not accidentally removed during an erase operation.
Table 37: Example of Query Structure Output of x16 Device
Word Addressing
Byte Addressing
Offset
Hex Code
Value
Offset
Hex Code
Value
A
X - A
0
D16 - D0
A
X - A
0
D7 - D0
00010h
0051
“Q”
00010h
51
“Q”
00011h
0052
“R”
00011h
52
“R”
00012h
0059
“Y”
00012h
59
“Y”
00013h
P IDLO
P rVendor
00013h
P IDLO
P rVendor
00014h
P IDHI
ID #
00014h
P IDLO
ID #
00015h
PLO
P rVendor
00015h
P IDHI
ID #
00016h
PHI
TblAdr
00016h
...
...
00017h
A IDLO
AltVendor
00017h
...
...
00018h
A IDHI
ID #
00018h
...
...
Offset
Sub-Section Name
Description
(1)
00000h
Manufacturer Code
00001h
Device Code
(BA+2)h(2) Block Status register
Block-specific information
00004-Fh Reserved
Reserved for vendor-specific information
00010h
CFI query identification string
Command set ID and vendor data offset
0001Bh
System interface information
Device timing & voltage information
00027h
Device geometry definition
Flash device layout
P(3)
Primary Intel-specific Extended Query Table
Vendor-defined additional information specific
to the Primary Vendor Algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com