công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC48F4400PLYB0 bảng dữ liệu(PDF) 37 Page - Numonyx B.V

tên linh kiện PC48F4400PLYB0
Giải thích chi tiết về linh kiện  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUMONYX [Numonyx B.V]
Trang chủ  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLYB0 bảng dữ liệu(HTML) 37 Page - Numonyx B.V

Back Button PC48F4400PLYB0 Datasheet HTML 33Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 34Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 35Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 36Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 37Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 38Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 39Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 40Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 41Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
37
Numonyx™ Wireless Flash Memory (W18)
W13
tBHWH (tBHEH)
WP# Setup to WE# (CE#) High
200
-
ns
3
W14
tWHGL (tEHGL)
Write Recovery before Read
0
-
ns
W16
tWHQV
WE# High to Valid Data
t
AVQV +20
-
ns
3,6,10
W18
tWHAV
WE# High to Address Valid
0
-
ns
3,9,10
W19
tWHCV
WE# High to CLK Valid
12
-
ns
3,10
W20
tWHVH
WE# High to ADV# High
12
-
ns
3,10
W21
tVHWL
ADV# High to WE# Low
<21
ns
11
W22
tCHWL
CLK to WE# Low
<21
ns
11
W27
tWHEL
WE# High to CE# Low
0
W28
tWHVL
WE# High to ADV# Low
0
Notes:
1.
Write timing characteristics during erase suspend are the same as during write-only operations.
2.
A write operation can be terminated with either CE# or WE#.
3.
Sampled, not 100% tested.
4.
Write pulse width low (tWLWH or tELEH) is defined from CE# or WE# low (whichever occurs last) to CE# or WE# high
(whichever occurs first). Hence, tWLWH = tELEH = tWLEH = tELWH.
5.
Write pulse width high (tWHWL or tEHEL) is defined from CE# or WE# high (whichever is first) to CE# or WE# low
(whichever is last). Hence, tWLWH = tEHEL = tWHEL = tEHWL.
6.
System designers should take this into account and may insert a software No-Op instruction to delay the first read after
issuing a command.
7.
For commands other than resume commands.
8.
VPP should be held at VPP1 or VPP2 until block erase or program success is determined.
9.
Applicable during asynchronous reads following a write.
10.
tWHCH/L OR tWHVH must be met when transitioning from a write cycle to a synchronous burst read. tWHCH/L and tWHVH both
refer to the address latching event (either the rising/falling clock edge or the rising ADV# edge, whichever occurs first).
11.
The specifications tVHWL and tCHWL can be ignored if there is no clock toggling during the write bus cycle.
Table 15: AC Write Characteristics — 90 nm (Sheet 2 of 2)
#
Sym
Parameter (1,2)
VCCQ =
1.7 V – 1.95 V
Unit
Notes
Min
Max
Table 16: AC Write Characteristics — 130 nm (Sheet 1 of 2)
#
Sym
Parameter (1,2)
VCCQ =
1.7 V – 2.24 V
Unit
Notes
-60
Min
Max
W1
tPHWL (tPHEL)
RST# High Recovery to WE# (CE#) Low
150
-
ns
3
W2
tELWL (tWLEL)
CE# (WE#) Setup to WE# (CE#) Low
0
-
ns
W3
tWLWH (tELEH)
WE# (CE#) Write Pulse Width Low
40
-
ns
4
W4
tDVWH (tDVEH)
Data Setup to WE# (CE#) High
40
-
ns
W5
tAVWH (tAVEH)
Address Setup to WE# (CE#) High
40
-
ns
W6
tWHEH (tEHWH)
CE# (WE#) Hold from WE# (CE#) High
0
-
ns
W7
tWHDX (tEHDX)
Data Hold from WE# (CE#) High
0
-
ns
W8
tWHAX (tEHAX)
Address Hold from WE# (CE#) High
0
-
ns
W9
tWHWL (tEHEL)
WE# (CE#) Pulse Width High
20
-
ns
5,6,7
W10
tVPWH (tVPEH)
VPP Setup to WE# (CE#) High
200
-
ns
3
W11
tQVVL
VPP Hold from Valid SRD
0
-
ns
3,8
W12
tQVBL
WP# Hold from Valid SRD
0
-
ns
3,8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com