công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC48F4400PLYB0 bảng dữ liệu(PDF) 69 Page - Numonyx B.V

tên linh kiện PC48F4400PLYB0
Giải thích chi tiết về linh kiện  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUMONYX [Numonyx B.V]
Trang chủ  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLYB0 bảng dữ liệu(HTML) 69 Page - Numonyx B.V

Back Button PC48F4400PLYB0 Datasheet HTML 65Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 66Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 67Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 68Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 69Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 70Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 71Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 72Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 73Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
69
Numonyx™ Wireless Flash Memory (W18)
12.3
Read-While-Write and Read-While-Erase
The Numonyx™ Wireless Flash Memory (W18) supports flexible multi-partition dual-
operation architecture. By dividing the flash memory into many separate partitions, the
device can read from one partition while programing or erasing in another partition;
hence the terms, RWW and RWE. Both of these features greatly enhance data storage
performance.
Figure 30: Block Erase Flowchart
SR[3,1] must be cleared before the WSM will allow further
erase attempts.
Only the Clear Status Register command clears SR[5:3,1].
If an error is detected, clear the Status register before
attempting an erase retry or other error recovery.
Start
FULL ERASE STATUS CHECK PROCEDURE
Repeat for subsequent block erasures.
Full status register check can be done after each block erase
or after a sequence of block erasures.
No
Suspend
Erase
1
0
0
0
1
1
1
1
0
Yes
Suspend
Erase
Loop
0
Write 20h
Block Address
Write D0h and
Block Address
Read Status
Register
SR[7] =
Full Erase
Status Check
(if desired)
Block Erase
Complete
Read Status
Register
Block Erase
Successful
SR[1] =
Erase of
Locked Block
Aborted
BLOCK ERASE PROCEDURE
Bus
Operation
Command
Comments
Write
Block
Erase
Setup
Data = 20h
Addr = Block to be erased (BA)
Write
Erase
Confirm
Data = D0h
Addr = Block to be erased (BA)
Read
Read SRD
Toggle CE# or OE# to update SRD
Standby
Check SR[7]
1 = WSM ready
0 = WSM busy
Bus
Operation
Command
Comments
SR[3] =
V
PP Range
Error
SR[5:4] =
Command
Sequence Error
SR[5] =
Block Erase
Error
Standby
Check SR[3]
1 = V
PP error
Standby
Check SR[5:4]
Both 1 = Command sequence error
Standby
Check SR[5]
1 = Block erase error
Standby
Check SR[1]
1 = Attempted erase of locked block
Erase aborted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com