công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC48F4400PLYB0 bảng dữ liệu(PDF) 85 Page - Numonyx B.V

tên linh kiện PC48F4400PLYB0
Giải thích chi tiết về linh kiện  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUMONYX [Numonyx B.V]
Trang chủ  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLYB0 bảng dữ liệu(HTML) 85 Page - Numonyx B.V

Back Button PC48F4400PLYB0 Datasheet HTML 81Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 82Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 83Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 84Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 85Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 86Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 87Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 88Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 89Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
85
Numonyx™ Wireless Flash Memory (W18)
If RCR[3]=1 (no-wrap mode) and RCR[2:0] = 1h (4-word burst length), then possible
linear burst sequences are 0-1-2-3, 1-2-3-4, 2-3-4-5, and 3-4-5-6. RCR[3]=1 not only
enables limited non-aligned sequential bursts, but also reduces power by minimizing
the number of internal read operations.
Setting RCR[2:0] bits for continuous linear burst mode (7h) also achieves the above 4-
word burst sequences. However, significantly more power may be consumed. The 1-2-
3-4 sequence, for example, consumes power during the initial access, again during the
internal pipeline lookup as the processor reads word 2, and possibly again, depending
on system timing, near the end of the sequence as the device pipelines the next 4-word
sequence. RCR[3]=1 while in 4-word burst mode (no-wrap mode) reduces this excess
power consumption.
14.10
Burst Length (RCR[2:0])
The Burst Length bit (BL[2:0]) selects the number of words the device outputs in
synchronous read access of the flash memory array. The burst lengths are 4-word, 8-
word, 16-word, and continuous word.
Continuous-burst accesses are linear only, and do not wrap within any word length
boundaries (see Table 35, “Sequence and Burst Length” on page 84). When a burst
cycle begins, the device outputs synchronous burst data until it reaches the end of the
“burstable” address space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com