công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC48F4400PLYB0 bảng dữ liệu(PDF) 52 Page - Numonyx B.V

tên linh kiện PC48F4400PLYB0
Giải thích chi tiết về linh kiện  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUMONYX [Numonyx B.V]
Trang chủ  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLYB0 bảng dữ liệu(HTML) 52 Page - Numonyx B.V

Back Button PC48F4400PLYB0 Datasheet HTML 48Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 49Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 50Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 51Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 52Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 53Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 54Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 55Page - Numonyx B.V PC48F4400PLYB0 Datasheet HTML 56Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
52
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
Protection
C0h
Protection
Program
Setup
This command prepares the CUI for a protection register program operation. The
second cycle latches address and data, and starts the WSM’s protection register
program or lock algorithm. Toggling CE# or OE# updates the flash Status
Register data. To read array data after programming, issue a Read Array
command.
Configuration
60h
Configuration
Setup
This command prepares the CUI for device configuration. If Set Configuration
Register is not the next command, the CUI sets SR[5:4] to indicate command
sequence error.
03h
Set
Configuration
Register
If the previous command was Configuration Setup (60h), the CUI latches the
address and writes the data from A[15:0] into the configuration register.
Subsequent read operations access array data.
Note:
Do not use unassigned commands. Numonyx reserves the right to redefine these codes for future functions.
Table 23: Bus Cycle Definitions
Operation
Command
Bus
Cycles
First Bus Cycle
Second Bus Cycle
Oper
Addr1
Data2,3
Oper
Addr1
Data2,3
Read
Read Array/Reset
≥1
Write
PnA
FFh
Read
Read
Address
Array
Data
Read Identifier
≥ 2
Write
PnA
90h
Read
PBA+IA
IC
CFI Query
≥ 2
Write
PnA
98h
Read
PBA+QA
QD
Read Status Register
2
Write
PnA
70h
Read
PnA
SRD
Clear Status Register
1
Write
XX
50h
Program
and
Erase
Block Erase
2
Write
BA
20h
Write
BA
D0h
Word Program
2
Write
WA
40h/10h
Write
WA
WD
EFP
>2
Write
WA
30h
Write
WA
D0h
Program/Erase Suspend
1
Write
XX
B0h
Program/Erase Resume
1
Write
XX
D0h
Lock
Lock Block
2
WriteBA
60h
WriteBA
01h
Unlock Block
2
Write
BA
60h
Write
BA
D0h
Lock-Down Block
2
Write
BA
60h
Write
BA
2Fh
Table 22: Command Codes and Descriptions (Sheet 2 of 2)
Operation
Code
Device
Command
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com