| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C167CS bảng dữ liệu(PDF) 17 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C167CS bảng dữ liệu(HTML) 17 Page - Infineon Technologies AG |
|
17 / 517 page ![]() C167CS Derivatives Introduction User’s Manual 1-7 V2.0, 2000-07 1.3 Abbreviations The following acronyms and terms are used within this document: ADC Analog Digital Converter ALE Address Latch Enable ALU Arithmetic and Logic Unit ASC Asynchronous/synchronous Serial Controller CAN Controller Area Network (License Bosch) CAPCOM CAPture and COMpare unit CISC Complex Instruction Set Computing CMOS Complementary Metal Oxide Silicon CPU Central Processing Unit EBC External Bus Controller ESFR Extended Special Function Register Flash Non-volatile memory that may be electrically erased GPR General Purpose Register GPT General Purpose Timer unit HLL High Level Language IO Input/Output OTP One Time Programmable memory PEC Peripheral Event Controller PLA Programmable Logic Array PLL Phase Locked Loop PWM Pulse Width Modulation RAM Random Access Memory RISC Reduced Instruction Set Computing ROM Read Only Memory RTC Real Time Clock SDD Slow Down Divider SFR Special Function Register SSC Synchronous Serial Controller XBUS Internal representation of the External Bus XRAM On-chip extension RAM |