công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLC5944PWPR bảng dữ liệu(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TLC5944PWPR
Giải thích chi tiết về linh kiện  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TLC5944PWPR bảng dữ liệu(HTML) 25 Page - Texas Instruments

Back Button TLC5944PWPR Datasheet HTML 21Page - Texas Instruments TLC5944PWPR Datasheet HTML 22Page - Texas Instruments TLC5944PWPR Datasheet HTML 23Page - Texas Instruments TLC5944PWPR Datasheet HTML 24Page - Texas Instruments TLC5944PWPR Datasheet HTML 25Page - Texas Instruments TLC5944PWPR Datasheet HTML 26Page - Texas Instruments TLC5944PWPR Datasheet HTML 27Page - Texas Instruments TLC5944PWPR Datasheet HTML 28Page - Texas Instruments TLC5944PWPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Auto Output Off
GND
1
1
31
31
2
2
32
32
3
3
33
33
4093
4094
4096
4096
4
34
34
35
35
GSCLK
BLANK
ON
ON
OFF
OFF
VCC
Dissipation
Current
Voltageof
OUTn
SIDRegisterValue
(Internal)
ONSignalofOUTn
(Internal)
(GSdata=FFFh)
30
30
IfLODerrorisdetected
IfnoLODerrorisdetected
V
OUTn
OldLEDopendetectiondata
NewLEDopendetectiondata
ON(ifnoLODerrordetected)
OFF(ifLODerrorisdetected)
ON
OFF
ON(ifnoLODerrordetected)
OFF(ifLODerrorisdetected)
Higher
Lower
Noise Reduction
TLC5944
www.ti.com ...................................................................................................................................................................................................... SBVS112 – JUNE 2008
The TLC5944 current consumption increases if any output (OUTn) is turned on and no LED is connected, the
LED is an open circuit, or the output is shorted to GND. The TLC5944 has the auto output off function to reduce
consumption current in these cases. This function turns off any OUTn where LED open has been detected to
reduce the current into the VCC pin during error conditions. Figure 35 illustrates the auto output off function.
Therefore, the LED anode voltage must be held over the LED forward voltage (VF) plus the maximum voltage of
the LED open detection threshold (VLOD = 0.4 VMAX) while the LED is on, in any case. Otherwise, the LED is
forced off by the auto output off function.
Figure 35. Auto Output Off Function
Large surge currents may flow through the IC and the printed circuit board (PCB) on which the device is mounted
if all 16 LED channels turn on simultaneously at the start of each grayscale cycle. This large current surge could
introduce detrimental noise and electromagnetic interference (EMI) into other circuits. The TLC5944 turns on the
LED channels in a series delay to provide a circuit soft-start feature. The output current sinks are grouped into
four groups of four channels each. The first group is OUT0/4/8/12; the second group is OUT1/5/9/13; the third
group is OUT2/6/10/14; and the fourth group is OUT3/7/11/15. Each group is turned on sequentially with a small
delay between groups; Figure 14 shows this delay. Both turn-on and turn-off are delayed.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): TLC5944



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com