công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLC5944PWPR bảng dữ liệu(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TLC5944PWPR
Giải thích chi tiết về linh kiện  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TLC5944PWPR bảng dữ liệu(HTML) 16 Page - Texas Instruments

Back Button TLC5944PWPR Datasheet HTML 12Page - Texas Instruments TLC5944PWPR Datasheet HTML 13Page - Texas Instruments TLC5944PWPR Datasheet HTML 14Page - Texas Instruments TLC5944PWPR Datasheet HTML 15Page - Texas Instruments TLC5944PWPR Datasheet HTML 16Page - Texas Instruments TLC5944PWPR Datasheet HTML 17Page - Texas Instruments TLC5944PWPR Datasheet HTML 18Page - Texas Instruments TLC5944PWPR Datasheet HTML 19Page - Texas Instruments TLC5944PWPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Dot Correction (DC) Function
I
(mA)=I
(mA)
OUTn
OLCMax
´
DCn
63d
(2)
TLC5944
SBVS112 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
The TLC5944 is able to individually adjust the output current of each channel (OUT0 to OUT15). This function is
called dot correction (DC). The DC function allows users to individually adjust the brightness and color deviations
of LEDs connected to the outputs OUT0 to OUT15. Each respective channel output current can be adjusted in
64 steps from 0% to 100% of the maximum output current, IOLCMax. Dot correction data are entered into the
TLC5944 via the serial interface.
Equation 2 determines the sink current for each output (OUTn):
Where:
• I
OLCMax = the maximum channel current for each channel determined by RIREF
• DCn = the programmed dot correction value for OUTn (DCn = 0 to 63d)
When the IC is powered on, the data in the dot correction shift register and data latch are not set to any default
values. Therefore, DC data must be written to the DC latch before turning on the constant current output.
Table 2 summarizes the DC data versus current ratio and set current value.
Table 2. DC Data versus Current Ratio and Set Current Value
SET CURRENT
OUTPUT CURRENT
OUTPUT CURRENT
DC DATA
DC DATA
DC DATA
RATIO TO
(mA, Typical)
(mA, Typical)
(Binary)
(Decimal)
(Hex)
MAX CURRENT (%)
AT IOLCMax = 60 mA
AT IOLCMax = 2 mA
00 0000
0
00
0.0
0.0
0.000
00 0001
1
01
1.6
0.4
0.032
00 0010
2
02
3.2
0.8
0.064
... ...
... ...
... ...
... ...
... ...
... ...
11 1101
61
3D
96.8
58.1
1.937
11 1110
62
3E
98.4
59.0
1.968
11 1111
63
3F
100.0
60.0
2.000
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5944



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com