công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLC5944PWPR bảng dữ liệu(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TLC5944PWPR
Giải thích chi tiết về linh kiện  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TLC5944PWPR bảng dữ liệu(HTML) 18 Page - Texas Instruments

Back Button TLC5944PWPR Datasheet HTML 14Page - Texas Instruments TLC5944PWPR Datasheet HTML 15Page - Texas Instruments TLC5944PWPR Datasheet HTML 16Page - Texas Instruments TLC5944PWPR Datasheet HTML 17Page - Texas Instruments TLC5944PWPR Datasheet HTML 18Page - Texas Instruments TLC5944PWPR Datasheet HTML 19Page - Texas Instruments TLC5944PWPR Datasheet HTML 20Page - Texas Instruments TLC5944PWPR Datasheet HTML 21Page - Texas Instruments TLC5944PWPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
t
(ns)=t
(ns)
GSn
´
OUTON
GSCLK
(3)
TLC5944
SBVS112 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
When the IC powers on, the data in the grayscale shift register and latch are not set to any default value.
Therefore, grayscale data must be written to the grayscale latch before turning on the constant current output.
Additionally, BLANK should be held high when the device turns on, to prevent the outputs from turning on before
the proper grayscale and dot correction values can be written. All constant current outputs are forced off when
BLANK is high. Equation 3 determines the on time (tOUTON) for each output (OUTn).
Where:
• T
GSCLK = the period of GSCLK
• GSn = the programmed grayscale value for OUTn (GSn = 0 to 4095d)
If GS data change during a display period because XLAT goes high, and latches new GS data, the internal data
latch registers are immediately updated. This action can cause the outputs to turn on or off unexpectedly. For
proper operation, GS data should only be latched into the IC at the end of a display period when BLANK is high.
Table 3 summarizes the GS data versus OUTn on duty and on time.
Table 3. GS Data versus OUTn On Duty and OUTn On Time
OUTn ON-TIME
OUTn ON DUTY RATIO
(ns, Typical)
GS DATA (Binary)
GS DATA (Decimal)
GS DATA (Hex)
TO MAXIMUM CODE (%)
AT 33-MHz GSCLK
0000 0000 0000
0
000
0.00
0
0000 0000 0001
1
001
0.02
30
0000 0000 0010
2
002
0.05
61
0000 0000 0011
3
003
0.07
91
—
---
---
---
---
0111 1111 1111
2047
7FF
49.99
62030
1000 0000 0000
2048
800
50.01
62061
1000 0000 0001
2049
801
50.04
62091
—
---
---
---
---
1111 1111 1101
4093
FFD
99.95
124030
1111 1111 1110
4094
FFE
99.98
124061
1111 1111 1111
4095
FFF
100.00
124091
18
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5944



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com