công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLC5944PWPR bảng dữ liệu(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TLC5944PWPR
Giải thích chi tiết về linh kiện  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TLC5944PWPR bảng dữ liệu(HTML) 22 Page - Texas Instruments

Back Button TLC5944PWPR Datasheet HTML 18Page - Texas Instruments TLC5944PWPR Datasheet HTML 19Page - Texas Instruments TLC5944PWPR Datasheet HTML 20Page - Texas Instruments TLC5944PWPR Datasheet HTML 21Page - Texas Instruments TLC5944PWPR Datasheet HTML 22Page - Texas Instruments TLC5944PWPR Datasheet HTML 23Page - Texas Instruments TLC5944PWPR Datasheet HTML 24Page - Texas Instruments TLC5944PWPR Datasheet HTML 25Page - Texas Instruments TLC5944PWPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Continuous Base LED Open Detection
GND
1
1
31
31
2
2
32
32
3
3
33
33
4093
4094
4095
4096
4
34
34
35
35
GSCLK
BLANK
ON
OFF
OUTn
(Data=FFFh)
SIDValue
(Internal)
30
30
IfLODerrorisdetected
IfnoLODerrorisdetected
V
OUTn
OldLEDopendetectiondata
NewLEDopendetectiondata
Low
('L')
XERR
Hi-Z
1stGSCLKPeriod
IfLODerrorisdetected
DependsonLODdata
Dependsonprevious
LODdata
IfXERRgoeslowbecauseofanLODerror,
XERRisforcedhighwhenBLANKgoeshigh.
IftheOUTnvoltage(V
)islessthanVLOD(0.3V,typ)attherisingedgeofthe33rd
GSCLKafterthefallingedgeofBLANK,theLODsetstheSIDbitcorresponding
totheoutputchannelinwhichLEDisopenorshortedtoGNDequalto ‘1’.
OUTnisturnedoffatthe33rdfallingedgeofGSCLKiftheLODerrorflagisset.
OUTn
IfnoLODerrorisdetected
TLC5944
SBVS112 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
At the rising edge of the 33rd GSCLK after the falling edge of BLANK, the LED open detection (LOD) circuit
checks the voltage of each constant current output (OUT0 through OUT15 = OUTn) that is turned on to detect
open LEDs and short LEDs to GND. The channels corresponding to the LOD bit in the status information data
(SID) register are set to '1' if the voltage of the OUTn pin (VOUTn) is less than the LED open detection threshold
(VLOD = 0.3 VTYP). This status information can be read from the SOUT pin when DCSEL is low. No special test
sequence is required for LED open detection.
The LOD function automatically checks for open LEDs and short LEDs to GND during each grayscale PWM
cycle. The SID information of LOD is latched into the LED open detection data latch and does not change until
the rising edge of the 33rd GSCLK pulse following the next falling edge of BLANK. To eliminate false detection of
open LEDs, the LED driver design must ensure that the TLC5944 output voltage is greater than VLOD when the
outputs are on. The GS data must be 21h (33d) or more to get the LOD result. Figure 31 shows the LED open
detection timing.
Figure 31. LED Open Detection (LOD) Timing
22
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5944



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com