công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2181C bảng dữ liệu(PDF) 8 Page - THAT Corporation All rights reserved.

tên linh kiện 2181C
Giải thích chi tiết về linh kiện  Blackmer® Trimmable IC Voltage Controlled Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  THAT [THAT Corporation All rights reserved.]
Trang chủ  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

2181C bảng dữ liệu(HTML) 8 Page - THAT Corporation All rights reserved.

Back Button 2181C Datasheet HTML 4Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 5Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 6Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 7Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 8Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 9Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 10Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 11Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 12Page - THAT Corporation All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
the familiar ratio of Rf /Ri for an inverting opamp will
determine the overall voltage gain when the 2181 is
set for 0 dB current gain. Since the VCA performs
best at settings near unity gain, use the input and
feedback resistors to provide design-center gain or
loss, if necessary.
A small feedback capacitor around the output
opamp is needed to cancel the output capacitance of
the VCA. Without it, this capacitance will destabilize
most opamps. The capacitance at pin 8 is typically
15 pF.
Power Supplies
Positive
The positive supply is connected directly to V+
(pin 7). No special bypassing is necessary, but it is
good practice to include a small (~1 µf) electrolytic
or (~0.1 µf) ceramic capacitor close to the VCA IC on
the PCB. Performance is not particularly dependent
on supply voltage. The lowest permissible supply
voltage is determined by the sum of the input and
output currents plus ISET , which must be supplied
through the output of the internal transconductance
amplifier and down through the core and voltage bias
generator. Reducing signal currents may help accom-
modate low supply voltages. THAT Corporation
intends to publish an application note covering
operation on low supply voltages. Please inquire for
its availability.
The highest permissible supply voltage is fixed by
the
process
characteristics
and
internal
power
consumption. +18 V is the nominal limit.
Negative
The negative supply terminal is V- (pin 5). Unlike
normal negative supply pins, this point is intended
to be connected to a current source ISET (usually
simply a resistor to VEE), which determines the
current available for the device. As mentioned before,
this source must supply the sum of the input and
output signal currents, plus the bias to run the rest)
of the IC. The minimum value for this current is
570 µA over the sum of the required signal currents.
Usually, ISET should equal 2.4 mA for most pro audio
applications with ±15 V supplies. Higher bias levels
are of limited value, largely because the core
transistors become ineffective at logging and antilog-
ging at currents over 1 mA.
Mathematically, this can be expressed as
ICELL ≥ Peak (IIN) + Peak (IOUT) + 220 µA; and
ICELL = ISET - 350 µA. Therefore,
ISET ≥ Peak (IIN) + Peak (IOUT) + 570 µA.
The voltage at V- (pin 5) is four diode drops
below ground, which, for the 2181, is approximately
-2.85
V.
Since
this
pin
connects
to
a
(high
impedance) current supply, not a voltage supply,
bypassing at pin 5 is not normally necessary.
Ground
The GND pin (pin 6) is used as a ground refer-
ence for the VCA. The non-inverting input of the
internal opamp is connected here, as are various
portions of the internal bias network. It may not be
used as an additional input pin.
Voltage Control
Negative Sense
EC- (pin 3) is the negative voltage control port.
This point controls gain inversely with applied
voltage: positive voltage causes loss, negative voltage
causes gain. As described on Page 5, the current gain
of the VCA is unity when pin 3 is at 0 V with respect
to pin 2, and varies with voltage at approximately
-6.1 mV/dB, at room temperature.
Positive Sense
As mentioned earlier, EC+ (pin 2) is the positive-
sense voltage control port. A typical circuit using this
approach is shown in Figure 15. EC- (Pin 3) should
be grounded, and EC+ (pin 2) driven from a
low-impedance voltage source. Using the opposite
sense of control can sometimes save an inverter in
the control path.
Positive and Negative
It is also possible (and sometimes advantageous)
to drive both control ports, either with differential
drive (in which case, the control sensitivities of each
port are summed), or through two different control
signals. There is no reason why both control ports
cannot be used simultaneously.
Document 600030 Rev 03
Page 8 of 12
THAT 2181 Series
Blackmer® Trimmable IC VCAs
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2016, THAT Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com