| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2181C bảng dữ liệu(PDF) 4 Page - THAT Corporation All rights reserved. |
|
|
|||||||||||||||||||||||||||||
2181C bảng dữ liệu(HTML) 4 Page - THAT Corporation All rights reserved. |
|
4 / 12 page ![]() The THAT 2181 Series VCAs are designed for high performance in audio-frequency applications requiring exponential gain control, low distortion, wide dynamic range and low control-voltage feedthrough. These parts control gain by converting an input current signal to a bipolar logged voltage, adding a dc control voltage, and re-converting the summed voltage back to a current through a bipolar antilog circuit. Figure 5 presents a considerably simplified inter- nal circuit diagram of the IC. The ac input signal current flows in pin 1, the input pin. An internal operational transconductance amplifier (OTA) works to maintain pin 1 at a virtual ground potential by driving the emitters of Q1 and (through the Voltage Bias Generator) Q3. Q3/D3 and Q1/D1 act to log the input current, producing a voltage, V3, which repre- sents the bipolar logarithm of the input current. (The voltage at the junction of D1 and D2 is the same as V3, but shifted by four forward Vbe drops.) Gain Control Since pin 8, the output, is usually connected to a virtual ground, Q2/D2 and Q4/D4 take the bipolar antilog of V3, creating an output current which is a precise replica of the input current. If pin 2 (EC+) and pin 3 (EC-) are held at ground (with pin 4 - SYM - connected to a high impedance current source), the output current will equal the input current. For pin 2 positive or pin 3 negative, the output current will be scaled larger than the input current. For pin 2 negative or pin 3 positive, the output current is scaled smaller than the input. In normal operation, the output current is converted to a voltage via an opamp-based I-V converter, as shown in Figure 2, where the conver- sion ratio is determined by the feedback resistor connected between the output and inverting input. The signal path through the VCA and the output opamp is non-inverting. The scale factor between the output and input currents is the gain of the VCA. Either pin 2 (Ec+) or pin 3 (Ec-), or both, may be used to control gain. Gain is exponentially proportional to the voltage at pin 2, and exponentially proportional to the negative of the voltage at pin 3. Therefore, pin 2 (Ec+) is the positive control port, while pin 3 (Ec-) is the Document 600030 Rev 03 Page 4 of 12 THAT 2181 Series Blackmer® Trimmable IC VCAs THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com Copyright © 2016, THAT Corporation Figure 5. Simplified Internal Circuit Diagram Figure 6. Gain vs. Control Voltage(EC+, Pin 2) at 25 °C Theory of Operation 4 Figure 7. Gain vs. Control Voltage(EC-, Pin 3) at 25 °C Figure 8. Gain vs. Control Voltage(EC-) with Temp ( °C) 4. For more details about the internal workings of the 2181 Series of VCAs, see An Improved Monolithic Voltage- Controlled Amplifier , by Gary K. Hebert (Chief Technology Officer, for THAT Corporation), presented at the 99th conven- tion of the Audio Engineering Society, New York, Preprint number 4055. |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |