công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2181C bảng dữ liệu(PDF) 9 Page - THAT Corporation All rights reserved.

tên linh kiện 2181C
Giải thích chi tiết về linh kiện  Blackmer® Trimmable IC Voltage Controlled Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  THAT [THAT Corporation All rights reserved.]
Trang chủ  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

2181C bảng dữ liệu(HTML) 9 Page - THAT Corporation All rights reserved.

Back Button 2181C Datasheet HTML 4Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 5Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 6Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 7Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 8Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 9Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 10Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 11Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 12Page - THAT Corporation All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Symmetry
The SYM pin (pin 4) is actually a sort of
additional positive-sense control port. It is provided
to allow Vbe mismatches in the core transistors to be
adjusted after packaging and installation in the
circuit board. It should only be used for this
purpose. Connect pin 4 only to a high-impedance
source as shown in Figures 2 and 15.
Control Port Drive Impedance
The control
ports
(pins
2 through
4) are
connected directly to the bases of the logging and/or
antilogging transistors. The accuracy of the logging
and antilogging is dependent on the EC+ and EC-
voltages being exactly as desired to control gain. The
base current in the core transistors will follow the
collector currents, of course. Since the collector
currents are signal-related, the base currents are
therefore also signal-related. Should the source
impedance of the control voltage(s) be large, the
signal-related base currents will cause signal-related
voltages to appear at the control ports, which will
interfere with precise logging and antilogging, in turn
causing distortion.
The 2181 Series VCAs are designed to be
operated with zero source impedance at pins 2 and
3, and a high (≥50 kΩ) source impedance at pin 4.
To realize all the performance designed into a 2181,
keep the source impedance of the control voltage
driver well under 50 Ω.
This often suggests driving the control port
directly with an opamp. However, the closed-loop
output impedance of an opamp typically rises at high
frequencies because open loop gain falls off as
frequency
increases.
A
typical
opamp's
output
impedance is therefore inductive at high frequencies.
Excessive inductance in the control port source
impedance can cause the VCA to oscillate internally.
In such cases, a 100 Ω resistor in series with a
1.5 nF capacitor from the control port to ground will
usually suffice to prevent the instability.
Noise Considerations
It is second nature among good audio designers
to consider the effects of noisy devices on the signal
path. As is well known, this includes not only active
devices such as opamps and transistors, but extends
to the choice of impedance levels as well. High value
resistors have higher inherent thermal noise, and the
noise performance of an otherwise quiet circuit can
be easily spoiled by the wrong choice of impedance
levels.
Less well known, however, is the effect of noisy
circuitry and high impedance levels in the control
path of voltage-control circuitry. The 2181 Series
VCAs act like multipliers: when no signal is present
at the signal input, noise at the control input is
rejected. So, when measuring noise (in the absence
of signal – as most everyone does), even very noisy
control circuitry often goes unnoticed. However,
noise at the control port of these parts will cause
noise modulation of the signal. This can become
significant if care is not taken to drive the control
ports with quiet signals.
THAT 2181 Series
Page 9 of 12
Document 600030 Rev 03
Blackmer® Trimmable IC VCAs
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2016, THAT Corporation
Vcc
Ec-
IN
10u
20k
5.1k
Vee
OUT
22p
20k
OUT
Vcc
Vee
50k
SYM
ADJ
Rsym
OP275
7
3
8
4
2
6
5
1
V+
-IN
Ec-
Ec+
SYM
GND
V-
2181
Series
VCA
Power Supplies
Vcc = +15 V
Vee = -15 V
-
+
680k (2181A)
220k (2181B)
130k (2181C)
Figure 15. Positive Control Port using Pin 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com