công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2181C bảng dữ liệu(PDF) 11 Page - THAT Corporation All rights reserved.

tên linh kiện 2181C
Giải thích chi tiết về linh kiện  Blackmer® Trimmable IC Voltage Controlled Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  THAT [THAT Corporation All rights reserved.]
Trang chủ  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

2181C bảng dữ liệu(HTML) 11 Page - THAT Corporation All rights reserved.

Back Button 2181C Datasheet HTML 4Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 5Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 6Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 7Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 8Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 9Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 10Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 11Page - THAT Corporation All rights reserved. 2181C Datasheet HTML 12Page - THAT Corporation All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
The THAT 2181-series is available in 8-pin SO and
8-pin SIP packages. Package dimensions are shown
in Figure 16 and 17 below; Pinouts are given in
Table 1 on page 1. Ordering information is provided
in Table 2 also on page 1.
The 2181-series packages are entirely lead-free.
The lead-frames are copper, plated with successive
layers of nickel, palladium, and gold. This approach
makes it possible to solder these devices using lead-
free and lead-bearing solders.
Neither the lead-frame nor the plastic mold
compound used in the 2181-series contains any
hazardous substances as specified in the European
Union's Directive on the Restriction of the Use of
Certain Hazardous Substances in Electrical and
Electronic Equipment 2002/95/EG
of January 27,
2003
THAT 2181 Series
Page 11 of 12
Document 600030 Rev 03
Blackmer® Trimmable IC VCAs
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2016, THAT Corporation
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Through-hole package
See Figure 16 for dimensions
8 Pin SIP
Thermal Resistance
θJA
SIP package soldered to board
100
ºC/W
Environmental Regulation Compliance
Complies with January 27, 2003 RoHS requirements
Surface-mount package
See Figure 17 for dimensions
8 Pin SO
Thermal Resistance
θJA
SO package soldered to board
150
ºC/W
Soldering Reflow Profile
JEDEC JESD22-A113-D (250ºC)
Moisture Sensitivity Level
MSL
Above-referenced JEDEC soldering profile
1
Environmental Regulation Compliance
Complies with January 27, 2003 RoHS requirements
Package Characteristics
I
K
L
G
E TYP.
F
B
D
C
1
A
N
M
H
N
17.78 ±0.3
0.700 ±0.012
J
MILLIMETERS
19.5 +0.2/-0
1.25
0.65
0.85
2.54 ±0.2
0.9
1.2
5.8 +0.2/-0
2.8 +0.1/-0
10.5 ±0.5
1.3
0.3
3.5 ±0.5
INCHES
0.77 +0.008/-0
0.049
0.026
0.033
0.100 ±0.008
0.04
0.05
0.23 +0.008/-0
0.11 +0.004/-0
0.413 ±0.02
0.05
0.012
0.14 ±0.02
ITEM
A
B
C
D
E
F
G
H
I
J
K
L
M
Package Information
Figure 16. -L (SIP) Version Package Outline Drawing
Figure 17. -S (SO) Version Package Outline Drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com